Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM2613 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2613
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2613 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2613 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2613 Datasheet HTML 11Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WM2613
Production Data Rev 1.0
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 June 1999
8
DEVICE DESCRIPTION
GENERAL FUNCTION
The device uses a resistor string network buffered with an op amp to convert 12-bit digital data to
analogue voltage levels (see Block Diagram). The output voltage is determined by the reference input
voltage and the input code according to the following relationship:
Output voltage =
( )
4096
CODE
V
2
REF
INPUT
OUTPUT
1111
1111
1111
( )
4096
4095
V
2
REF
:
:
1000
0000
0001
( )
4096
2049
V
2
REF
1000
0000
0000
( )
REf
REF
V
4096
2048
V
2
=
0111
1111
1111
( )
4096
2047
V
2
REF
:
:
0000
0000
0001
( )
4096
1
V
2
REF
0000
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a 2k
Ω
load with a 100pF load capacitance.
EXTERNAL REFERENCE
The reference voltage input is buffered which makes the DAC input resistance independent of code. The
REFIN pin has an input resistance of 10M
Ω and an input capacitance of typically 5pF. The reference
voltage determines the DAC full-scale output.
HARDWARE CONFIGURATION OPTIONS
The device has three configuration options that are controlled by device pins.
DEVICE POWER DOWN
The device can be powered-down by pulling pin NPD (pin 15) low. This powers down the DAC. This will
reduce power consumption significantly. The NPD pin overrides the software control bit PWR. When the
power down function is released the device reverts to the DAC code set prior to power down.
SETTLING TIME
The settling time of the device can be controlled by pin SPD (pin 9). A ONE on pin SPD will ensure a
FAST settling time; a ZERO will ensure a SLOW settling time. The SPD pin high overrides the software
control bit SPD.
SIMULTANEOUS DAC UPDATE
The NLDAC pin (Pin 16) can be held high to prevent word writes from updating the DAC latch. By writing
the new value to the DAC then pulling NLDAC low, the new DAC code is loaded into the DAC latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com