Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPD3901 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD3901
Description  20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD3901 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD3901 Datasheet HTML 1Page - Solid States Devices, Inc SPD3901 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0005B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Pin Configuration __ = Normal (Cathode to Stud)
(See Table 1)
R = Reverse (Anode to Stud)
Family/Voltage
3899 = 50V
3900 = 100V
3901 = 200V
3902 = 300V
3903 = 400V
SPD3899
Thru
SPD3903
20 Amp
50-400 Volt
120 nsec
FAST RECOVERY
RECTIFIER
Features:
Fast Recovery: 120 nsec maximum
Low Reverse Leakage Current
Single Chip Construction
PIV to 400V
Hermetically Sealed
High Surge Rating
Low Thermal Resistance
Higher Voltage Devices Available–Contact Factory
For Reverse Polarity Add Suffix “R”
Replacement for 1N3899, 1N3900, 1N3901, 1N3902,
and 1N3903
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking
Voltage
SPD3899
SPD3900
SPD3901
SPD3902
SPD3903
VRRM
VRWM
VR
50
100
200
300
400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
250
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
1.8
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5:


Similar Part No. - SPD3901

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3909 SSDI-SPD3909 Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
SPD3909R SSDI-SPD3909R Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
SPD3909RS SSDI-SPD3909RS Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
SPD3909RTX SSDI-SPD3909RTX Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
SPD3909RTXV SSDI-SPD3909RTXV Datasheet
75Kb / 2P
30A, 200nsec, 50-400 V Fast Recovery Rectifier
More results

Similar Description - SPD3901

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SHF1304 SSDI-SHF1304 Datasheet
138Kb / 2P
3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SDR1183 SSDI-SDR1183 Datasheet
97Kb / 2P
35 Amp 50-600 Volt 5 nsec STANDARD RECOVERY RECTIFIER
SPD10192 SSDI-SPD10192 Datasheet
78Kb / 2P
35 Amp FAST RECOVERY RECTIFIER 800 - 1400 Volt 250 nsec
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SPD3889 SSDI-SPD3889 Datasheet
163Kb / 2P
12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
logo
Central Semiconductor C...
CPD24-1N4944 CENTRAL-CPD24-1N4944 Datasheet
955Kb / 4P
Fast Rectifier Die 1.0 Amp, 400 Volt
R1 26-March 2019
CPD24-CMR1F-04M CENTRAL-CPD24-CMR1F-04M Datasheet
955Kb / 4P
Fast Rectifier Die 1.0 Amp, 400 Volt
R1 26-March 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com