Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM2633 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2633
Description  Byte-wide Parallel Input, 12-bit Voltage Output DAC with Internal Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2633 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2633 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2633 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Production Data
WM2633
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 1999
9
PARALLEL INTERFACE
The device latches data on the positive edge of NWE. It must be enabled with NCS low. Whether the
data is written to one of the DAC holding latches (MSW, LSW) or the control register, depends on the
address bits A1 and A0. NLDAC low updates the DAC with the value in the holding latch. NLDAC is
an asynchronous input and can be held low, if a synchronous update is not necessary. Alternatively,
the RLDAC bit of the control register can be used to synchonously update the DAC latch via software
control.
D[0-7]
A[0-1]
NCS
NWE
NLDAC
X
MSW
LSW
XX
10
XX
Figure 7 Example of a Complete Write Cycle Using NLDAC to Update the DAC
D[0-7]
A[0-1]
NCS
NWE
NLDAC
X
MSW
LSW
X
01
X
Control
X
X
X
3
X
X
Figure 8 Example of a Complete Write Cycle Using the Control Word to Update the DAC. If NLDAC is held high as
shown above, the DAC latch is normally closed, but can be made transparent by setting the RLDAC control register bit
high. The procedure shown assumes that the RLDAC bit is low at the start and is written high on the final write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com