Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM2636 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2636
Description  12-bit Serial Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2636 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2636 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2636 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WM2636
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 July 1999
2
PIN CONFIGURATION
1
2
3
4
NCS
DIN
SCLK
AGND
REF
FS
VDD
OUT
5
6
7
8
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
DIN
Digital input
Serial data input.
2
SCLK
Digital input
Serial clock input.
3
NCS
Digital input
Chip select. This pin is active low.
4
FS
Digital input
Frame synchronisation for serial input data.
5
AGND
Supply
Analogue ground.
6
REF
Analogue I/O
Analogue reference voltage input/output.
7
OUT
Analogue output
DAC analogue output
8
VDD
Supply
Positive power supply.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Supply voltage, VDD to AGND
7V
Digital input voltage
-0.3V
VDD + 0.3V
Reference input voltage
-0.3V
VDD + 0.3V
Operating temperature range, TA
WM2636CD
WM2636ID
0
°C
-40
°C
70
°C
85
°C
Storage temperature
-65
°C
150
°C
Lead temperature 1.6mm (1/16 inch) soldering for 10 seconds
260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDD
2.7
5.5
V
High-level digital input voltage
VIH
VDD = 2.7V to 5.5V
2
V
Low-level digital input voltage
VIL
VDD = 2.7V to 5.5V
0.8
V
Reference voltage to REF
VREF
See Note
VDD - 1.5
V
Load resistance
RL
210
k
Load capacitance
CL
100
pF
Serial clock rate
FSCLK
20
MHz
WM2636CD
0
70
°C
Operating free-air temperature
TA
WM2636ID
-40
85
°C
Note: Reference voltages greater than VDD/2 will cause saturation for large DAC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com