Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PD69008 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button PD69008 Datasheet HTML 2Page - Microsemi Corporation PD69008 Datasheet HTML 3Page - Microsemi Corporation PD69008 Datasheet HTML 4Page - Microsemi Corporation PD69008 Datasheet HTML 5Page - Microsemi Corporation PD69008 Datasheet HTML 6Page - Microsemi Corporation PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation PD69008 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 6
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
PIN NAME:
RESET_N
SDA
SDA_OUT Multiplexed with TEST_MODE
PAD TYPE:
Digital I/O – input/output open drain
CMOS Open Drain Output with Schmitt Trigger Input, TTL Level (external
pull up res. Only))
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
High Level Input
Voltage
VIH
2.0
V
Low Level Output
Voltage
VOL
0.4
V
Iout = 6 mA
Low Level Input
Voltage
VIL
0.8
V
Input Voltage
Hysteresis
0.3
V
OFF State Output
Current
-1
+1
uA
PIN NAME:
CS_EEPROM & LSL Multiplexed with INTERRUPT_N
PAD TYPE:
CMOS Open Drain Output (external pull up res. Only))
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Low Level Output
Voltage
0.4
V
Iout = 6 mA
OFF State Output
Current
-1
+1
uA
PIN NAME:
VPORT_NEGx
REF_PORT_NEG
PAD TYPE:
High Voltage Analog Pad
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Pin Current Consumption
-10
+10
uA
Port driver OFF, Vport
differential measurement
OFF, AC generator OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com