Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8740 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
WM8740
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.7 July 2000
12
X[7:0]
ATTENUATION LEVEL
00(hex)
-
∞dB (mute)
01(hex)
-127.0dB
::
::
FD(hex)
-1.0dB
FE(hex)
-0.5dB
FF(hex)
0.0dB
Table 7 Attenuation Control Level
Bit 2 in Reg3 is used to control the attenuator (ATC). When ATC is “high”, the attenuation data
loaded in program register 0 is used for both the left and the right channels. When ATC is low, the
attenuation data for each register is applied separately to left and right channels.
SOFT MUTE
MUT
(REG2, B0)
L
Soft Mute off (normal operation)
H
Soft Mute on (no output)
Table 8 Soft Mute
Setting MUT causes the attenuation to ramp from the current value down to 00. The values held in
the attenuation registers are unchanged. When MUT is reset the attenuation will ramp back up to the
previous value. The ramp rate is 128/fs s/0.5dB step.
DIGITAL DE-EMPHASIS
DEM
(REG2, B1)
L
De-emphasis off
H
De-emphasis on
Table 9 Digital De-Emphasis
DAC OPERATION ENABLE
OPE
(REG2,B2)
L
Normal operation
H
DAC output forced to bipolar zero,
irrespective of input data.
Table 10 DAC Operation Enable
AUDIO DATA INPUT FORMAT
I2S
(REG3, B0)
IW1
(REG2, B4)
IW0
(REG2, B3)
AUDIO INTERFACE
00
0
16-bit standard right justified
00
1
20-bit standard right justified
01
0
24-bit standard right justified
01
1
24-bit left justified (MSB first)
10
0
16-bit I
2S
10
1
24-bit I
2S
11
0
20-bit I
2S
11
1
20-bit left justified (MSB first)
Table 11 Audio Data Input Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com