Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9701 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM9701
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM9701 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
8
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DVDD1
Supply
Digital positive supply
2
XTLIN
Digital input
Clock crystal connection or clock input (XTAL not used)
3
XTLOUT
Digital output
Clock crystal connection
4
DVSS1
Supply
Digital ground supply
5
SDATAOUT
Digital input
Serial data input
6
BITCLK
Digital output
Serial interface clock output to AC’97 controller
7
DVSS2
Supply
Digital ground supply
8
SDATAIN
Digital output
Serial data output to AC’97 controller
9
DVDD2
Supply
Digital positive supply
10
SYNC
Digital input
Serial interface sync pulse from AC’97 controller
11
RESETB
Digital input
NOT reset input (active low, resets registers)
12
PCBEEP
Analogue input
Mixer input, typically for PCBEEP signal
13
PHONE
Analogue input
Mixer input, typically for PHONE signal
14
AUXL
Analogue input
Mixer input, typically for AUX signal
15
AUXR
Analogue input
Mixer input, typically for AUX signal
16
VIDEOL
Analogue input
Mixer input, typically for VIDEO signal
17
VIDEOR
Analogue input
Mixer input, typically for VIDEO signal
18
CDL
Analogue input
Mixer input, typically for CD signal
19
CDGND
Analogue input
CD input common mode reference (ground)
20
CDR
Analogue input
Mixer input, typically for CD signal
21
MIC1
Analogue input
Mixer input with extra gain if required
22
MIC2
Analogue input
Mixer input with extra gain if required
23
LINEINL
Analogue input
Mixer input, typically for LINE signal
24
LINEINR
Analogue input
Mixer input, typically for LINE signal
25
AVDD1
Supply
Analogue positive supply
26
AVSS1
Supply
Analogue ground supply, chip substrate
27
VREF
Analogue output
Buffered CAP2, used as MIXER reference
28
VREFOUT
Analogue output
Reference for microphones; buffered CAP2
29
NC
No internal connection
30
NC
No internal connection
31
NC
No internal connection
32
CAP2
Analogue input
Reference input/output; pulls to midrail if not driven
33
NC
No internal connection
34
NC
No internal connection
35
LINEOUTL
Analogue output
Main analogue output for left channel
36
LINEOUTR
Analogue output
Main analogue output for right channel
37
MONOOUT
Analogue output
Main mono output
38
AVDD2
Supply
Analogue positive supply
39
NC
No internal connection
40
NC
No internal connection
41
NC
No internal connection
42
AVSS2
Supply
Analogue ground supply, chip substrate
43
NC
No internal connection
44
NC
No internal connection
45
NC
No internal connection
46
NC
No internal connection
47
NC
No internal connection
48
NC
No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com