Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9707 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM9707
Description  AC97 Revision 2.1 Audio Codec with Spdif Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM9707 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
WM9707
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.2 January 2001
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM9707CFT/V
0 to 70
oC
48-pin TQFP
DVDD1
DVSS2
BITCLK
SDATAOUT
DVSS1
XTLOUT
XTLIN
SDATIN
DVDD2
SYNC
RESETB
PCBEEP
LINEOUTR
NC
CAP2
CX3D1
CX3D2
LINEOUTL
AVDD1
AVSS1
VREF
VREFOUT
1
9
8
7
6
5
4
3
2
12
11
10
14
21
20
19
18
17
16
15
24
23
22
13
25
31
30
29
28
27
26
36
35
34
33
32
48
38
39
40
41
42
43
44
45
46
47
37
NC
NC
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per specifications IPC/JEDEC J-STD-020A and JEDEC A113-B, this product requires specific storage conditions prior to
surface mount assembly. It has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in
vacuum-sealed moisture barrier bags.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+7V
Analogue supply voltage
-0.3V
+7V
Voltage range digital inputs
DVSS -0.3V
DVDD +0.3V
Voltage range analogue inputs
AVDD -0.3V
AVDD +0.3V
Operating temperature range, TA
0
oC+70oC
Storage temperature
-65
oC
+150
oC
Package body temperature (soldering 10 seconds)
+240
oC
Package body temperature (soldering 2 minutes)
+183
oC
Note:
1.
The digital supply voltage (DVDD) must always be less than or equal to the analogue supply voltage (AVDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com