Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BU52012HFV Datasheet(PDF) 8 Page - Rohm

Part # BU52012HFV
Description  Unipolar Detection Hall ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52012HFV Datasheet(HTML) 8 Page - Rohm

Back Button BU52012HFV Datasheet HTML 4Page - Rohm BU52012HFV Datasheet HTML 5Page - Rohm BU52012HFV Datasheet HTML 6Page - Rohm BU52012HFV Datasheet HTML 7Page - Rohm BU52012HFV Datasheet HTML 8Page - Rohm BU52012HFV Datasheet HTML 9Page - Rohm BU52012HFV Datasheet HTML 10Page - Rohm BU52012HFV Datasheet HTML 11Page - Rohm BU52012HFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Technical Note
BU52002GUL,BU52003GUL,BU52012HFV,BU52013HFV
8/13
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Description of Operations
(Micropower Operation)
(Offset Cancelation)
(Magnetic Field Detection Mechanism)
The Hall IC cannot detect magnetic fields that run horizontal to the package top layer.
Be certain to configure the Hall IC so that the magnetic field is perpendicular to the top layer.
The unipolar detection Hall IC adopts an intermittent
operation method to save energy. At startup, the Hall
elements, amp, comparator and other detection circuits
power ON and magnetic detection begins. During standby,
the detection circuits power OFF, thereby reducing current
consumption. The detection results are held while standby
is active, and then output.
Reference period: 50ms (MAX100ms)
Reference startup time: 24μs
IDD
Standby
Startup time
Period
t
Fig.32
The Hall elements form an equivalent Wheatstone (resistor)
bridge circuit. Offset voltage may be generated by a
differential in this bridge resistance, or can arise from changes
in resistance due to package or bonding stress. A dynamic
offset cancellation circuit is employed to cancel this offset
voltage.
When Hall elements are connected as shown in Fig. 33 and a
magnetic field is applied perpendicular to the Hall elements,
voltage is generated at the mid-point terminal of the bridge.
This is known as Hall voltage.
Dynamic cancellation switches the wiring (shown in the figure)
to redirect the current flow to a 90˚ angle from its original path,
and thereby cancels the Hall voltage.
The magnetic signal (only) is maintained in the sample/hold
circuit during the offset cancellation process and then
released.
GND
VDD
I
B
×
Hall Voltage
Fig.33
Fig.34
S
S
N
S
N
S
N
Flux
Flux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com