Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD596 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 2SD596
Description  SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SD596 Datasheet(HTML) 1 Page - Rectron Semiconductor

  2SD596 Datasheet HTML 1Page - Rectron Semiconductor 2SD596 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
2SD596
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
TECHNICAL SPECIFICATION
SOT-23 BIPOLAR TRANSISTORS
TRANSISTOR(PNP)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Emitter cut-off current (VEB= 5V, IC=0)
DC current gain (VCE= 1V, IC= 100mA)
DC current gain (VCE= 1V, IC= 700mA)
Collector cut-off current (VCB= 30V, IE=0)
Collector-emitter saturation voltage (IC= 700mA, IB= 70mA)
Base-emitter voltage (VCE= 6V, IC= 10mA)
Transition frequency (VCE= 6V, IC= 10mA)
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
-
-
-
-
-
-
-
-
0.1
-
-
-
400
m
A
m
A
V
V
V
V
V
MHz
Collector-base breakdown voltage (IC= 100mA, IE=0)
Collector-emitter breakdown voltage (IC= 1mA, IB=0)
Emitter-base breakdown voltage (IE= 100mA, IC=0)
CLASSIFICATION OF hFE
Pulse teat: Pulse width <350ms, Duty Cycle <2%.
RANK
Range
DV1
110-180
135-220
V(BR)CBO
V(BR)CEO
V(BR)EBO
IEBO
hFE(1)
hFE(2)
ICBO
VBE(on)
VCE(sat)
fT
TYP
MAX
30
25
5
-
50
0.7
-
140
-
0.6
110
MIN
DV5
DV2
200-320
DV4
170-270
DV3
250-400
0.055(1.40)
0.047(1.20)
-
0.1
0.6
-
BASE
EMITTER
COLLECTOR
*
*
*
*
Power dissipation
PCM :
0.2
W (Tamb=25OC)
Collector current
ICM :
0.7
A
Collector-base voltage
V(BR)CBO :
30
V
Operating and storage junction temperature range
TJ,Tstg: -55OC to +150OC
1
1
2
3
2
3
*
*
*
*
*
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.


Similar Part No. - 2SD596

ManufacturerPart #DatasheetDescription
logo
NEC
2SD596 NEC-2SD596 Datasheet
249Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Galaxy Semi-Conductor H...
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SD596 KEXIN-2SD596 Datasheet
37Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Shenzhen Jin Yu Semicon...
2SD596 HTSEMI-2SD596 Datasheet
761Kb / 3P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
2SD596 SECOS-2SD596 Datasheet
327Kb / 3P
0.7A , 30V NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SD596

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
2SA1037 RECTRON-2SA1037 Datasheet
294Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SB709A RECTRON-2SB709A Datasheet
343Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
2SC5344 RECTRON-2SC5344 Datasheet
298Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BC858A RECTRON-BC858A Datasheet
456Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61C RECTRON-BCW61C Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW61D RECTRON-BCW61D Datasheet
299Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
BCW68G RECTRON-BCW68G Datasheet
300Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT2907A RECTRON-MMBT2907A Datasheet
305Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
MMBT3906 RECTRON-MMBT3906 Datasheet
274Kb / 5P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com