Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS70 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAS70
Description  SOT-23 SURFACE MOUNT SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS70 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAS70 Datasheet HTML 1Page - Rectron Semiconductor BAS70 Datasheet HTML 2Page - Rectron Semiconductor BAS70 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES ( BAS70 )
0
100
200
Figure 4 Power Derating Curve,Total Package
TA,AMBIENT TEMPERATURE(OC)
150
100
50
0
250
200
01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VF,INSTANTANEOUS FORWARD VOLTAGE(V)
Figure 1 Typical Forward Characteristics
100
1.0
0.1
10
0
10
20
30
40
50
60
70
Figure 2 Typical Reverse Characteristics
Figure 3 Typical Capacitance
VR,REVERSE VOLTAGE(V)
VR,REVERSE VOLTAGE(V)
0
5
10
15
20
25
30
35
40
10
0.1
1
10000
1000
100
1.2
1.4
1.0
0.8
0.6
0.2
0
0.4
1.8
1.6
TA=125
OC
TA=75
OC
TA=25
OC
TA= 0
OC
TA= -40
OC
TA=125
OC
TA= 75
OC
TA= 25
OC
TA= 0
OC
TA= -40
OC
f=1.0MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com