Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS70S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS70S
Description  SOT-23 SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS70S Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS70S Datasheet HTML 1Page - Rectron Semiconductor BAS70S Datasheet HTML 2Page - Rectron Semiconductor BAS70S Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTRON
SEMICONDUCTOR
FEATURES
* Low Turn-on voltage
* Fast switching
* Ultra-small surface mount package
* Also available in lead free version
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
BAS70S
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
O
C ambient temperature unless otherwise specified.
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.019(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
0.020(0.50)
0.012(0.30)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
TECHNICAL SPECIFICATION
SOT-23 SCHOTTKY DIODE
2006-3
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
Reverse voltage leakage current (VR=50V)
Forward voltage (IF=1mA)
(IF=15mA)
Diode capacitance (VR=0,f=1MHz)
Reveres recovery time (IF=IR=10mA,Irr=0.1 X IR, RL=100Ω
CHARACTERISTICS
SYMBOL
UNITS
-
100
410
1000
2
5
nA
V
mV
pF
nS
Reverse breakdown voltage (IR=10µA)
MAXIMUM RATINGES ( @ TA = 25
oC unless otherwise noted )
RATINGS
DC Voltage
Forward Continuous Current
SYMBOL
VR
IF
V(BR)R
IR
VF
CD
trr
VALUE
MAX.
-
-
-
-
-
TYP.
70
-
-
-
-
MIN.
UNITS
70
mA
V
70
Max. Steady State Power Dissipation @TA=25oC
Max. Operating Temperature Range
Storage Temperature Range
PD
TJ
TSTG
mW
200
150
-55 to +150
oC
oC
0.055(1.40)
0.047(1.20)


Similar Part No. - BAS70S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS70S WTE-BAS70S Datasheet
63Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70S PANJIT-BAS70S Datasheet
52Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70S PANJIT-BAS70S Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAS70S KEXIN-BAS70S Datasheet
787Kb / 2P
Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS70S WILLAS-BAS70S Datasheet
719Kb / 6P
Plastic-Encapsulate Switching Diodes
More results

Similar Description - BAS70S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT54 RECTRON-BAT54_06 Datasheet
112Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS40C RECTRON-BAS40C Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
BAT54A RECTRON-BAT54A_07 Datasheet
112Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS40A RECTRON-BAS40A Datasheet
115Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS40S RECTRON-BAS40S Datasheet
115Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
BAS70A RECTRON-BAS70A Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
BAS70C RECTRON-BAS70C Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
CMPSH-3 RECTRON-CMPSH-3 Datasheet
295Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
CMPSH-3A RECTRON-CMPSH-3A Datasheet
296Kb / 2P
SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com