Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP125 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TIP125
Description  TO-220 - PNP Plastic Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TIP125 Datasheet(HTML) 1 Page - Rectron Semiconductor

  TIP125 Datasheet HTML 1Page - Rectron Semiconductor TIP125 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP125
TECHNICAL SPECIFICATION
TO-220 - PNP Plastic Power Transistors
RECTRON
SEMICONDUCTOR
Dimensions in millimeters
Ã
&KDUD5DWLQJV h‡ÃUhÃ2Ã!$ƒ8ȁyr††Ã‚‡ur… v†rƃrpvsvrq
6\PERO
5DWLQJV
8QLW
&ROOHFWRUEDVH YROWDJH RSHQ HPLWWHU
987PÃ PD[

9
&ROOHFWRUHPLWWHU YROWDJH RSHQ EDVH
98@P
PD[

9
(PLWWHUEDVH YROWDJH RSHQ FROOHFWRU
9@7P
PD[
9
&ROOHFWRU FXUUHQW
,8
PD[

$
&ROOHFWRU FXUUHQW SHDN
,8H
PD[

$
%DVH FXUUHQW
,7
PD[

P$
7RWDO SRZHU GLVVLSDWLRQ XS WR 7&
ƒ&
3UPU
PD[

:
'HEUDWH DERYH ƒ&
PD[

: ƒ&
7RWDO SRZHU GLVVLSDWLRQ XS WR 7$  ƒ&
3UPU
PD[

:
'HEUDWH DERYH ƒ&
PD[

: ƒ&
6WRUDJH WHPSHUDWXUH
7TUB
PD[
 WR 
ƒ&
-XQFWLRQ WHPSHUDWXUH
7E
PD[

ƒ&
$EVROXWH 0D[5DWLQJV 7D R&
6\PERO
5DWLQJV
8QLW
&ROOHFWRUEDVH YROWDJH RSHQ HPLWWHU
987P
PD[

9
&ROOHFWRUHPPLWRU YROWDJH RSHQ EDVH
98@PÃÃ PD[

9
&ROOHFWRU FXUUHQW
,8ÃÃÃ PD[
$
7RWDO 3RZHU 'LVVLSDWLRQ XS WR 78  ƒ&
3ǂ‡
PD[
:
-XQFWLRQ 7HPSHUDWXUH
7wÃÃ
PD[
ƒ&
&ROOHFWHUHPLWWHU VDWXUDWLRQ YROWDJH ,p $,7Ã P$
98@Æh‡ PD[
9
'& FXUUHQW JDLQ ,8Ã  $98@ 9
KA@ÃÃ
PLQ
.
TO - 220


Similar Part No. - TIP125

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP125 MOSPEC-TIP125 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP125 MOTOROLA-TIP125 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP125 POINN-TIP125 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP125 STMICROELECTRONICS-TIP125 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Fairchild Semiconductor
TIP125 FAIRCHILD-TIP125 Datasheet
45Kb / 4P
Medium Power Linear Switching Applications
More results

Similar Description - TIP125

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV13007 AVICTEK-AV13007 Datasheet
397Kb / 3P
TO-220 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
3DD13007 JIANGSU-3DD13007 Datasheet
38Kb / 1P
TO-220 Plastic-Encapsulate Transistors
logo
Nanjing International G...
13005 DGNJDZ-13005 Datasheet
4Mb / 3P
TO-220 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB772 JIANGSU-2SB772 Datasheet
774Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SC4544 JIANGSU-2SC4544 Datasheet
999Kb / 3P
TO-220 Plastic-Encapsulate Transistors
2SD1138 JIANGSU-2SD1138 Datasheet
771Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
KTC2026 JIANGSU-KTC2026 Datasheet
903Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
logo
Shenzhen Huazhimei Semi...
HM13009 HMSEMI-HM13009 Datasheet
205Kb / 1P
TO-220 Plastic-Encapsulate Transistors
HM13007 HMSEMI-HM13007 Datasheet
453Kb / 1P
TO-220 Plastic-Encapsulate Transistors
HM13005 HMSEMI-HM13005 Datasheet
774Kb / 2P
TO-220 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com