Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BZX85 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # BZX85
Description  ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

BZX85 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  BZX85 Datasheet HTML 1Page - Silicon Standard Corp. BZX85 Datasheet HTML 2Page - Silicon Standard Corp. BZX85 Datasheet HTML 3Page - Silicon Standard Corp. BZX85 Datasheet HTML 4Page - Silicon Standard Corp. BZX85 Datasheet HTML 5Page - Silicon Standard Corp. BZX85 Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZENER DIODES
07/11/2007 Rev.1.00
www.SiliconStandard.com
1
PRODUCT SUMMARY
VZ range: 3.6 to 200 Volts
Power dissipation: 1.3W
FEATURES
Silicon Planar Power Zener Diodes.
For use in stabilizing and clipping circuits with high power
rating.
The Zener voltages are graded according to the international
E 24 standard. Replace suffix "C" with "B" for ±2% tolerance.
Other voltage tolerances and other Zener voltages are available
upon request.
MECHANICAL DATA
Case: DO-41Glass Case
Weight: approx. 0.35g
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
(TA=25
o
C unless otherwise noted)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
)
"
s
c
it
s
ir
e
t
c
a
r
a
h
C
"
e
l
b
a
T
e
e
s
(
t
n
e
rr
u
c
r
e
n
e
Z
T
t
a
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
= oCP
t
o
t
3
.
1
)
1
(
W
ri
a
t
n
e
i
b
m
a
o
t
n
o
it
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
3
1
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
JT
j
5
7
1
o
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
5
7
1
+
o
t
5
5
-
o
C
Notes:
1. Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
Pb-free; RoHS-compliant
BZX85 Series


Similar Part No. - BZX85

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BZX85 GOOD-ARK-BZX85 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
BZX85 VISHAY-BZX85 Datasheet
158Kb / 7P
Zener Diodes
31-May-07
logo
Jinan Jingheng (Group) ...
BZX85 JINANJINGHENG-BZX85 Datasheet
175Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX85 VISHAY-BZX85 Datasheet
102Kb / 6P
Zener Diodes
22-Nov-11
BZX85 VISHAY-BZX85 Datasheet
108Kb / 6P
Zener Diodes
25-Nov-2021
More results

Similar Description - BZX85

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com