Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS12 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS12
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS12 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS12 Datasheet HTML 1Page - Silicon Standard Corp. SS12 Datasheet HTML 2Page - Silicon Standard Corp. SS12 Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12/12/2007 Rev.1.00
www.SiliconStandard.com
2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SS
12
SS
13
SS
14
SS
15
SS
16
SS
19
SS
110
SS
115
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified Current
at TL(See Fig. 1)
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
(Note 1)
IF= 1.0A @ 25
oC
@ 100
oC
VF
0.5
0.4
0.75
0.65
0.80
0.70
0.95
0.85
V
0.4
0.1
Maximum DC Reverse Current
@ TA =25
oC at
Rated DC Blocking Voltage @ TA=125
oC
IR
10
5.0
2.0
mA
mA
Maximum DC Reverse Current at VR=33V
& TA=50
oC
HTIR
-
5.0
uA
Typical Junction Capacitance (Note 3)
Cj
50
pF
Typical Thermal Resistance ( Note 2 )
R ΘJL
R θJA
28
88
oC/W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas.
3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
SS12 thru SS115



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com