Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS6383CSTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6383CSTR
Description  1.5A DDR Termination Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383CSTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6383CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6383CSTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
10/07/2004 Rev.1.01
SS6383(G)
TYPICAL PERFORMANCE CHARACTERISTICS
-40
-20
0
20
40
60
80
100
120
0.30
0.35
0.40
0.45
0.50
0.55
VCNTL=3.3V
VIN=2.5V
Temperature (°C)
Fig. 1 Turn-On Threshold vs. Temp.
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.30
0.35
0.40
0.45
0.50
0.55
Fig. 2 Turn-On Threshold vs. Temp
VCNTL=5V
VIN=2.5V
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
CNTL=3.3V, VIN=2.5V
V
OUT=1.25V
Temperature(
oC)
Fig. 3 Output Voltage Offset vs. Temperature
V CNTL=3.3V
VIN=2.5V
VREF=1.25V
No Load
Temperature (°C)
Fig. 4 Current-Limit (Sourcing) vs. Temperature
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
VCNTL=3.3V
VIN=2.5V
VOUT=1.25V
Temperature (°C)
Fig. 5 Current-Limit (Sinking) vs. Temperature
-40
-20
0
20
40
60
80
100
120
0
1
2
3
4
5
V CNTL=3.3V
VIN=2.5V
VOUT=1.25V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com