Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS6714 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6714
Description  Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6714 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6714 Datasheet HTML 1Page - Silicon Standard Corp. SS6714 Datasheet HTML 2Page - Silicon Standard Corp. SS6714 Datasheet HTML 3Page - Silicon Standard Corp. SS6714 Datasheet HTML 4Page - Silicon Standard Corp. SS6714 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SS6714
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.....................
............................………................................ -13V
Operating Temperature Range
.........................………........................ - 20
°C~80°C
Storage Temperature Range
........................………......................... - 65
°C~150°C
Power Dissipation
SOT-89 Package
.....….............. 0. 80W
TO-92 Package
........…............ 0.78W
TEST CIRCUIT
VOUT
A
A
V
V
+
LOAD
GND
VIN
OUT
SS6714
+
+
_
Voltage
Source
+
IOUT
IIN
VIN
1
µF
-
ELECTRICAL CHARACTERISTICS
(VIN= -6.0V, TJ=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
SS6714-30
-2.95
-3.0
-3.05
V
SS6714-33
-3.25
-3.3
-3.35
V
Output Voltage
IOUT=300µA
SS6714-50
VOUT
-4.93
-5.0
-5.07
V
Load Regulation
IOUT=0~5mA
∆VOUT
20
100
mV
I/O Voltage Difference
IOUT=300µA
VDIFF
50
200
mV
Supply Current
IOUT=0
IIN
6
12
µA
Input Stability
V
V
V
OUT
IN
OUT
0.05
%/ V
Temperature Coefficient
-25
°C~85°C
TC
50
ppm
Output Short Circuit Current
RLOAD=0
15
24
mA
Rev.2.02 4/26/2004



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com