Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS6735G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6735G
Description  500mA Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6735G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6735G Datasheet HTML 1Page - Silicon Standard Corp. SS6735G Datasheet HTML 2Page - Silicon Standard Corp. SS6735G Datasheet HTML 3Page - Silicon Standard Corp. SS6735G Datasheet HTML 4Page - Silicon Standard Corp. SS6735G Datasheet HTML 5Page - Silicon Standard Corp. SS6735G Datasheet HTML 6Page - Silicon Standard Corp. SS6735G Datasheet HTML 7Page - Silicon Standard Corp. SS6735G Datasheet HTML 8Page - Silicon Standard Corp. SS6735G Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.SiliconStandard.com
2 of 9
SS6735G
1/15/2005 Rev.2.10
ORDERING INFORMATION
PIN CONFIGURATION
SOT-89 (GX)
TOP VIEW
1: GND
2. VIN
3. VOUT
1
2
3
Packing:
TR: Tape and reel
Package type:
E: TO-252
U: SOT-23-3
X: SOT-89-3
Y: SOT-223
G: Pb-free, RoHS compliant.
Output voltage:
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
SS6735-XX G X XX
Example:
SS6735-18GXTR
1.8V version, in RoHS-compliant
SOT-89 package, shipped
on tape and reel.
SOT-23-3 (GU)
1: GND
2: VOUT
3: VIN
3
1
2
SOT-23 MARKING
Part No.
GU
Part No.
GU
SS6735-18GU
CE18P
SS6735-35GU
CE35P
SS6735-20GU
CE20P
SS6735-37GU
CE37P
SS6735-25GU
CE25P
SS6735-38GU
CE38P
SS6735-27GU
CE27P
SS6735-50GU
CE50P
SS6735-30GU
CE30P
SS6735-52GU
CE52P
SS6735-33GU
CE33P
TO-252 (GE)
TOP VIEW
1: VOUT
2. GND
3. VIN
SOT-223 (GY)
TOP VIEW
1: VOUT
2. GND
3. VIN
1
2
3
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com