Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS6781ACSTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6781ACSTR
Description  Battery Charger Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781ACSTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6781ACSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.SiliconStandard.com
1 of 18
SS6781A(G)
1/11/2005 Rev.2.10
Battery Charger Controller
FEATURES
Fast charge control of NiMH/NiCd batteries, even
with a fluctuating charging current.
Fast charge termination by:
T/t, -V, 0V,
safety timer, maximum temperature or maximum
voltage.
Linearly adjustable
T/t detection slope and
safety timer.
Adjustable peak voltage timer for 0
V
Battery voltage protection range selectable.
Selectable battery temperature protection mode
Protection against battery voltage and battery
temperature faults
Selectable LED display mode for battery status.
Five pulsed trickle charge modes
Discharge-before-charge function available for
eliminating memory effect.
Quick and easy testing for production
Packaged in SO-16 or PDIP-16
APPLICATIONS
Fast Battery Chargers for:
Mobile Phones.
Notebook and Laptop Personal Computers.
Portable Power Tools and Toys.
Portable Communication Equipment.
Portable Video and Stereo Equipment.
0
10
20
30
40
50
60
1.15
1.25
1.35
1.45
1.55
100
80
60
40
20
Temperature
Cell Voltage
Charge Time
(min.)
Charge Current = 600 mA
Cell Capacity = 550 mA
NiMH Battery
Fig. 1 Battery Charging Characteristics Resulting from
a SS6781A-Controlled Charger with a
Fluctuating Charging Current
DESCRIPTION
The SS6781A fast charger controller IC is designed
for intelligent charging of NiMH or NiCd batteries
without the risk of overcharge.
Using -
V detection (-0.25%), 0V detection
(peak voltage timer) and
T/t detection are the
primary methods employed by the SS6781A to
terminate fast charge. The fast charge can also be
cut off by maximum battery voltage and maximum
battery temperature detection, along with the
safety timer to prevent charging under fault
conditions of the charging system or the battery
itself.
Both
T/∆t and -∆V detection methods have
been proved powerful in terminating fast charging
for NiMH and NiCd batteries. The SS6781A
utilizes the combination of these two methods to
reliably determine when to end fast charge and
prevent mistakes caused by using -
V detection
alone under certain conditions. Fig. 1 shows an
example of a charging curve for a battery charged
by a fluctuating current from a NiMH battery charger,
which uses the SS6781A controller IC to achieve
optimal charging. This technique, in conjunction
with the 0
V
detection (peak voltage timer), is
particularly suitable for NiMH batteries, whose
voltage drop is hardly significant yet temperature
rises rapidly. The
T/t
T / t
or
-
V detection
circuitry
may
be
disabled
independently
for
different applications, such as system-integrated
chargers, chargers with varying charge current, or
battery packs which lack a temperature sensing
thermistor.
The safety timer period, battery temperature pro-
tection mode, battery voltage protection range,
pulsed trickle charge duty, and LED display mode
are all adjustable or selectable.
This device is available with Pb-free lead finish.


Similar Part No. - SS6781ACSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
SS6781BCNTB SSC-SS6781BCNTB Datasheet
584Kb / 20P
Battery Charge Controller
SS6781BCNTR SSC-SS6781BCNTR Datasheet
584Kb / 20P
Battery Charge Controller
SS6781BCSTB SSC-SS6781BCSTB Datasheet
584Kb / 20P
Battery Charge Controller
SS6781BCSTR SSC-SS6781BCSTR Datasheet
584Kb / 20P
Battery Charge Controller
More results

Similar Description - SS6781ACSTR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
Standard Battery Charger Controller
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
Smart Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
Standard Battery Charger Controller
logo
Linear Technology
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
Smart Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
Lithium-Ion Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com