Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS6803 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6803
Description  Three-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6803 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6803 Datasheet HTML 1Page - Silicon Standard Corp. SS6803 Datasheet HTML 2Page - Silicon Standard Corp. SS6803 Datasheet HTML 3Page - Silicon Standard Corp. SS6803 Datasheet HTML 4Page - Silicon Standard Corp. SS6803 Datasheet HTML 5Page - Silicon Standard Corp. SS6803 Datasheet HTML 6Page - Silicon Standard Corp. SS6803 Datasheet HTML 7Page - Silicon Standard Corp. SS6803 Datasheet HTML 8Page - Silicon Standard Corp. SS6803 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS6803
Three-cell Lithium-Ion Battery Protection IC
FEATURES
Ultra-low quiescent current of 13
µA (Vcell = 3.5V).
Ultra-low power-down current of 1.3
µA (Vcell = 2.3V).
Wide supply voltage range: 2V to 18V.
Precision over-charge protection voltage:
4.35V
±30mV for the SS6803A
4.30V
±30mV for the SS6803B
4.25V
±30mV for the SS6803C
4.20V
±30mV for the SS6803D
Externally set over-charge, over-discharge and
over-current delay time.
Built-in cell-balancing bleeding network under
over-charge condition.
Three detection levels for over-current protection.
APPLICATIONS
Protection IC for three-cell lithium-ion battery pack.
DESCRIPTION
The SS6803 is designed to protect a lithium-ion
battery from damage or degraded lifetime due to
over-charging, over-discharging and over-current
for three-cell lithium-ion battery powered systems
such as notebook PCs.
It provides the cell-balancing "bleeding" function
to automatically discharge the over-charged cell
until the over-charge condition is eliminated.
Safe charging with full utilization is ensured by
the accurate
±30mV over-charge detection. Four
different specification values for over-charge
protection voltage are provided for various
protection requirements. The very low standby
current represents little drain from the cell while in
storage.
TYPICAL APPLICATION CIRCUIT
1k
1M
BATT+
FUSE
R8
R4
R1 2k
1k
0.1
µF
C4
VC1
SS6803
UD1
VCC
OC
CS
OD
3
2
1
16
15
14
1M
BAT1
0.1
µF
NC
4
VC2
VC3
UD3
GND
UD2
11
10
9
13
12
NC
TI
6
TC
7
8
TD
5
R6
R5
BATT-
R7
33k
R3
BAT3
1M
BAT2
C1
Q1
M2
M1
2K
R2
0.1
µF
C2
0.1
µF
C3
CTD
CTI
CTC
82nF
2.2nF
82nF
Protection Circuit for a Three-cell Lithium-Ion Battery Pack
12/29/2003 Rev.2.02


Similar Part No. - SS6803

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTR SSC-SS6802AGSTR Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802BGSTB SSC-SS6802BGSTB Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802BGSTR SSC-SS6802BGSTR Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6803

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
Two-Cell Lithium-Ion Battery Protection IC
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
Three- Or Four-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
One-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
Single-Cell Lithium-Ion Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com