Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS8028 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8028
Description  Micro-Power Step-up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8028 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8028 Datasheet HTML 1Page - Silicon Standard Corp. SS8028 Datasheet HTML 2Page - Silicon Standard Corp. SS8028 Datasheet HTML 3Page - Silicon Standard Corp. SS8028 Datasheet HTML 4Page - Silicon Standard Corp. SS8028 Datasheet HTML 5Page - Silicon Standard Corp. SS8028 Datasheet HTML 6Page - Silicon Standard Corp. SS8028 Datasheet HTML 7Page - Silicon Standard Corp. SS8028 Datasheet HTML 8Page - Silicon Standard Corp. SS8028 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.SiliconStandard.com
1 of 9
SS8028
Micro-Power Step-up DC/DC Converter
FEATURES
Configurable output voltage up to 16V
Quiescent current of 20µA
Shutdown current <1µA
Shutdown-pin current <1µA
Supply range from 2.5V to 6.5V
Low V DS(on): 250mV (ISW=300mA)
Tiny SOT-23-5 package
APPLICATIONS
STN/TFT LCD Bias
Personal Digital Assistants (PDAs)
Handheld Computers
Digital Still Cameras
Cellular Phones
WebPad
White LED Driver
Local 3V to 5V Conversion
DESCRIPTION
The SS8028 boost converter is designed for small and
medium size LCD panels requiring high bias voltages.
With a typical quiescent current of 20µA and a supply
voltage range of 2.5V to 6.5V, it is suitable for battery
powered portable applications, such as PDAs and
handheld computers. When the SS8028 goes into
shutdown mode, it consumes less than 1µA.
Furthermore, with a 350mA current limit, 500ns fixed
minimum off-time and tiny SOT-23-5 package, the
SS8028 can be used with smaller inductors and other
surface-mount components to minimize the required PCB
footprint in space-conscious applications.
To control the SS8028, no other external current is
needed for the shutdown pin, which typically consumes
less than 1µA over the full supply range.
TYPICAL APPLICATION CIRCUIT
VCC
SW
SHDN
FB
GND
G5111
1µF
4.7µF
10uH
2.5V – 4.2V
1M
VCC
SW
SHDN
FB
GND
SS8028
1µF
4.7µF
80.6k
16V
12mA
Rev.2.02 12/06/2003


Similar Part No. - SS8028

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
More results

Similar Description - SS8028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
BCD Semiconductor Manuf...
AP3015 BCDSEMI-AP3015 Datasheet
202Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8051 SSC-SS8051 Datasheet
433Kb / 9P
Micro-Power Step-up DC/DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
Low Power DC-DC Step-Up Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com