Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSM90T03GP Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SSM90T03GP
Description  N-channel Enhancement-mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM90T03GP Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SSM90T03GP Datasheet HTML 1Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 2Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 3Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 4Page - Silicon Standard Corp. SSM90T03GP Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.SiliconStandard.com
3 of 5
SSM90T03GP,S
2/17/2005 Rev.2.3
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance
vs. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0
20
40
60
80
100
120
140
160
012345
V DS , Drain-to-Source Voltage (V)
T C =150°C
10V
7.0V
5.0V
4.5V
V G =3.0V
0
5
10
15
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V SD , Source-to-Drain Voltage (V)
T j =25°C
T j =150°C
0
40
80
120
160
200
0123
V DS , Drain-to-Source Voltage (V)
T C =25°C
10V
7.0V
5.0V
4.5V
V G =3.0V
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
-50
0
50
100
150
T j , Junction Temperature (°C)
I D = 45A
0
0.5
1
1.5
2
-50
25
100
175
T j , Junction Temperature (°C)
3.5
4.0
4.5
5.0
24
68
10
12
V GS , Gate-to-Source Voltage (V)
I D =20A
T C =25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com