Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSM2303N Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM2303N
Description  P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM2303N Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM2303N Datasheet HTML 1Page - Silicon Standard Corp. SSM2303N Datasheet HTML 2Page - Silicon Standard Corp. SSM2303N Datasheet HTML 3Page - Silicon Standard Corp. SSM2303N Datasheet HTML 4Page - Silicon Standard Corp. SSM2303N Datasheet HTML 5Page - Silicon Standard Corp. SSM2303N Datasheet HTML 6Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.SiliconStandard.com
2 of 6
SSM2303N
Electrical Characteristics @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
∆BV
DSS/
T
j
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=-1mA
-
-0.1
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-1.7A
-
-
240
m
VGS=-4.5V, ID=-1.3A
-
-
460
m
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-
V
gfs
Forward Transconductance
VDS=-10V, ID=-1.7A
-
2
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=55
oC)
VDS=-30V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=-1.7A
-
6.2
-
nC
Qgs
Gate-Source Charge
VDS=-15V
-
1.4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-10V
-
0.3
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
20
-
ns
tr
Rise Time
ID=-1A
-
20
-
ns
td(off)
Turn-off Delay Time
RG=6Ω ,VGS=-10V
-
35
-
ns
tf
Fall Time
RD=6Ω
-20
-
ns
Ciss
Input Capacitance
VGS=0V
-
230
-
pF
Coss
Output Capacitance
VDS=-15V
-
130.4
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
40
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=-1.2V
-
-
-1.25
A
ISM
Pulsed Source Current ( Body Diode )
1
-
-
-10
A
VSD
Forward On Voltage
2
IS=-1.25A, VGS=0V
-
-
-1.2
V
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on FR4 board, t < 5 sec.
± 20V
±100
Rev.2.02 3/16/2004



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com