Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSM9410M Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9410M
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9410M Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9410M Datasheet HTML 1Page - Silicon Standard Corp. SSM9410M Datasheet HTML 2Page - Silicon Standard Corp. SSM9410M Datasheet HTML 3Page - Silicon Standard Corp. SSM9410M Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SiliconStandard.com
1 of 4
SSM9410M
Rev.2.02 4/06/2004
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Simple drive requirement
BVDSS
30V
Low on-resistance
RDS(ON)
6m
Fast switching
ID
18A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID @ TA=25°C
ID @ TA=70°C
IDM
A
PD @ TA=25°C
W/°C
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
50
°C/W
Thermal Data
Parameter
Total Power Dissipation
2.5
W
-55 to 150
°C
Operating Junction Temperature Range
-55 to 150
°C
Linear Derating Factor
0.02
Storage Temperature Range
Continuous Drain Current
3
15
A
Pulsed Drain Current
1
80
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Rating
30
18
A
± 12
Advanced power MOSFETs from Silicon Standard provide
the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SO-8 package is widely preferred for commercial and industrial
surface-mount applications and is well suited for low voltage applications
such as DC/DC converters.
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - SSM9410M

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM9406GM SSC-SSM9406GM Datasheet
498Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM9408GH SSC-SSM9408GH Datasheet
174Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SeCoS Halbleitertechnol...
SSM9435 SECOS-SSM9435 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
SSM9435B VBSEMI-SSM9435B Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
SSM9435C VBSEMI-SSM9435C Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSM9410M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com