Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSM9685M Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SSM9685M
Description  N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9685M Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SSM9685M Datasheet HTML 1Page - Silicon Standard Corp. SSM9685M Datasheet HTML 2Page - Silicon Standard Corp. SSM9685M Datasheet HTML 3Page - Silicon Standard Corp. SSM9685M Datasheet HTML 4Page - Silicon Standard Corp. SSM9685M Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.SiliconStandard.com
2 of 5
SSM9685M
8/21/2004 Rev.2.01
Electrical Characteristics @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
80
-
-
V
BV
DSS/
Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=1mA
-
0.073
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=5.3A
-
-
45
m
VGS=4.5V, ID=3.0A
-
-
50
m
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
9
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=80V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=64V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=
-
-
nA
Qg
Total Gate Charge
2
ID=5A
-
19
30
nC
Qgs
Gate-Source Charge
VDS=64V
-
5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
10
-
nC
td(on)
Turn-on Delay Time
2
VDS=40V
-
11
-
ns
tr
Rise Time
ID=1A
-
6
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω ,VGS=10V
-
36
-
ns
tf
Fall Time
RD=40Ω
-22
-
ns
Ciss
Input Capacitance
VGS=0V
-
1710
2730
pF
Coss
Output Capacitance
VDS=25V
-
135
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
98
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=2A, VGS=0V
-
-
1.2
V
t
rr
Reverse Recovery Time
IS=5A, VGS=0V,
-
42
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
84
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 125°C/W when mounted on min. copper pad.
± 20V
±100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com