Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PTS18 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # PTS18
Description  PT, PTS, PTS/I cores and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS18 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  PTS18 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS18 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS18 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PTS18 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
1053
Ferroxcube
PT, PTS, PTS/I cores and accessories
PTS18/11
(1811THS)
Core sets of high permeability grades
Clamping force for AL measurements, 15
±5N.
Properties of core sets under power conditions
Note
1.
Measured at 60
°C.
BOBBINS AND ACCESSORIES
Coil formers, winding data and mounting parts are equal to those of “P18/11” , but “area product” is different.
Winding data and area product (for PTS18/11) for CP-P18/11 coil former
Winding data and area product (for PTS18/11) for 6-pins P18/11 coil former for PCB mounting
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3E27
5140
±25%
≈ 3150
≈ 0
PTS18/11-3E27
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T=100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f = 100 kHz;
=100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50mT;
T = 100
°C
3C81
≥320
≤ 0.22
−−
3C91
≥320
−≤ 0.055(1)
≤ 0.4(1)
3F3
≥315
−≤ 0.12
−≤ 0.2
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
17.1
5.7
36.6
636
CP-P18/11-1S
22
× 7.95
2
× 2.65
36.6
2 x 296
CP-P18/11-2S
33
× 4.95
3
× 1.6
36.6
3 x 184
CP-P18/11-3S
NUMBER
OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
LENGTH
OF PINS
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
16.8
6.0
36.7
4.4
625
CPV-P18/11-1S-6PD
1
16.8
6.0
36.7
6.8
625
CPV-P18/11-1S-6PDL
22
× 7.61
2
× 2.8
36.7
4.4
2 x 283
CPV-P18/11-2S-6PD
22
× 7.61
2
× 2.8
36.7
6.8
2 x 283
CPV-P18/11-2S-6PDL
33
× 4.58
3
× 1.7
36.7
4.4
3 x 170
CPV-P18/11-3S-6PD
33
× 4.58
3
× 1.7
36.7
6.8
3 x 170
CPV-P18/11-3S-6PDL
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com