Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIXPACK2 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # SIXPACK2
Description  6-Axis Controller/Driver 1.4A/48V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

SIXPACK2 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  SIXPACK2 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODULES
MODULES FOR STEPPER MOTORS
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
SI X pack
2
6-Axis
Controller / Driver
1.4A / 48V
The SIXpack2 is a highly integrated stepper motor controller
unit in a small and robust housing. Up to six 2-phase motors
can be driven independently or with linear interpolation in any
combination. With three interface options and integrated drivers
it is easily integrated in all kinds of automatization environment
where motion control is desired. The SIXpack can be remote-
controlled using a simple command set, which is identical for
all inteface options.
An assembled cable for motor and reference switch connectors
is available as an accessory.
In terms of software and current settings the new SIXpack2 is
fully upward-compatible to the old SIXpack and QUADpack.
ELECTRICAL
DATA
up to 1.4A RMS coil current (2A peak)
supply voltage 15V to 48V
up to 16-times microstepping
SUPPORTED
MOTORS
two-phase bipolar motors
with 0.3A to 1.4A coil current
INTERFACE
CAN, RS-485 and RS-232
I/Os: Limit and reference switch input
for each motor, one analog input per motor
FEATURES
highly dynamic and fast response drive
on-the-fly change of position and velocity
automatic ramp generation
linear interpolation of up to 6 axis
SOFTWARE
simple software protocol
comes with PC evaluation software
OTHER
robust steel housing
RoHS compliant
size: 180 x 152 x 35 mm
ORDER CODE
DESCRIPTION
TMC SIXpack2
6-axis controller / driver unit 1.4A /48V
TMC SIXpack2-
CABLE
SIXpack 2 motor connector cable
6
REF-
Switches
7
Sixpack 2
Driver
TMC239
Driver
TMC239
Driver
TMC239
Driver
TMC239
Driver
TMC239
Driver
TMC239
programmable
Motion
Controller
with TMC406
5V Power Supply
15..48V DC
Step
Motor
Step
Motor
Step
Motor
Step
Motor
Step
Motor
Step
Motor
CAN
RS-232
or
RS-485
MOSFET
Driver
Stage
ADC
10Bit
MOSFET
Driver
Stage
MOSFET
Driver
Stage
MOSFET
Driver
Stage
MOSFET
Driver
Stage
MOSFET
Driver
Stage
43


Similar Description - SIXPACK2

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
MONOPACK2 TRINAMIC-MONOPACK2 Datasheet
292Kb / 1P
1-Axis Controller / Driver 3.5A / 48V withEncoderInf
TMCM-035 TRINAMIC-TMCM-035 Datasheet
515Kb / 1P
1-Axis Step/Directionor SPI Driver 3.5A/48V
TMCM-090 TRINAMIC-TMCM-090 Datasheet
504Kb / 1P
1-Axis Piezo Motor Driver 3kHz/48V
TMCM-102 TRINAMIC-TMCM-102 Datasheet
324Kb / 1P
1-Axis Controller/Driver 3.5A/48V with Encoder Inf
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
1-Axis BLDC Controller/Driver 5A/48V
TMCM-170 TRINAMIC-TMCM-170 Datasheet
374Kb / 1P
1-Axis Motor Mounted BLDCServo Controller/Driver with Encoder Inf 10A/48V
TMCM-171 TRINAMIC-TMCM-171 Datasheet
267Kb / 1P
1-Axis BLDC Servo Controller/Driver 20A/48V with Encoder Inf
TMCM-303 TRINAMIC-TMCM-303 Datasheet
434Kb / 1P
3-Axis Controller/Driver 1.1A/34V
TMCM-610 TRINAMIC-TMCM-610 Datasheet
552Kb / 1P
6-Axis Controller/Driver 1.1A/34V
TMCM-612 TRINAMIC-TMCM-612 Datasheet
512Kb / 1P
6-Axis Controller/Driver 1.1A/34V Data Aquisition
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com