Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5529-AS Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5529-AS
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-AS Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5529-AS Datasheet HTML 19Page - Cirrus Logic CS5529-AS Datasheet HTML 20Page - Cirrus Logic CS5529-AS Datasheet HTML 21Page - Cirrus Logic CS5529-AS Datasheet HTML 22Page - Cirrus Logic CS5529-AS Datasheet HTML 23Page - Cirrus Logic CS5529-AS Datasheet HTML 24Page - Cirrus Logic CS5529-AS Datasheet HTML 25Page - Cirrus Logic CS5529-AS Datasheet HTML 26Page - Cirrus Logic CS5529-AS Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
CS5529
DS246F5
23
Power Supply Arrangements
The CS5529 is designed to operate from single or
dual analog supplies and a single digital supply.
The following power supply connections are possi-
ble:
VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
VA+ = +3.0 V; VA- = -3.0 V; VD+ = +3 V
Figure 10 illustrates the CS5529 connected with a
single +5 V supply to measure differential inputs
relative to a common mode of 2.5 V. Figure 11 il-
lustrates the CS5529 connected with ±2.5 V bipolar
Figure 10. CS5529 Configured with a +5.0 V Analog Supply.
XOUT
VD+
VA+
VREF+
VREF-
DGND
AIN+
SCLK
SDO
SDI
CS5529
XIN
CS
+5.0 V
Analog
Supply
20
19
3
213
10
11
9
14
15
8
12
Optional Clock
Source
Serial
Data
Interface
32.768 kHz ~ 100 kHz
AIN-
4
18
D3
D2
D1
D0
A1
A0
17
16
7
6
5
VA-
1
±5 V Differential Inputs (Gain Register = 1.0)
±2.5 V Differential Inputs (Gain Register = 2.0)
±1.25 V Differential Inputs (Gain Register = 4.0)
Logic Outputs:
A0, A1 Switch from VA+ to VA-
D0-D3 Switch from VD+ to DGND
+
-
Common Mode = 0 to VA+
0.1
µ F
0.1
µF
10
Ω
Figure 11. CS5529 Configured with ±2.5 V Analog Supplies.
XOUT
VD+
VA+
VREF+
VREF-
DGND
AIN+
SCLK
SDO
SDI
CS5529
XIN
CS
+2.5 V
Analog
Supply
20
19
3
213
10
11
9
14
15
8
12
Optional Clock
Source
Serial
Data
Interface
32.768 kHz ~ 100 kHz
AIN-
4
18
D3
D2
D1
D0
A1
A0
17
16
7
6
5
VA-
-2.5 V
Analog
Supply
1
±2.5 V Differential Inputs (Gain Register = 1.0)
±1.25 V Differential Inputs (Gain Register = 2.0)
±625 mV Differential Inputs (Gain Register = 4.0)
+3 V ~ +5 V
Digital
Supply
Logic Outputs:
A0, A1 Switch from VA+ to VA-
D0-D3 Switch from VD+ to DGND
0.1
µF
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com