| Electronic Components Datasheet Search |
|
CS5529-ASZ Datasheet(PDF) 17 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5529-ASZ Datasheet(HTML) 17 Page - Cirrus Logic |
|
17 / 31 page ![]() CS5529 DS246F5 17 Port Flag The port flag bit in the configuration register allows the user to select the mode in which conversions will be presented to the serial port. With the port flag bit cleared, the user must read the conversion data register. With the port flag bit set to logic 1, the user can read the conversion data from the serial port by first issuing the NULL command to clear the SDO flag and then issuing 24 SCLKs to read the conversion word. Calibration Calibration is used to set the zero and gain slope of the ADC’s transfer function. The calibration con- trol bits in the configuration register allow the user to perform either self calibration or system calibra- tion. The offset and gain calibration steps each take one conversion cycle to complete. At the end of the cal- ibration step, the calibration control bits will be set back to logic 0, and the DF (Done Flag) bit will be set to a logic 1. For the combination self-calibration (CC2-CC0= 011; offset calibration followed by gain calibration), the calibration will take two con- version cycles to complete and will set the DF bit after the gain calibration is completed. Note: 1) The DF bit will be cleared any time the data register, the offset register, the gain register, or the setup register is read. Reading the configuration register alone will not clear the DF bit. 2) After the CS5529 is reset, the converter is functional and can perform measurements without being calibrated. In this case, the converter will utilize the initialized values of the on-chip registers (Gain = 1.0, Offset = 0.0) to calculate output words. Any initial offset and gain errors in the internal circuitry of the chip will remain. Calibration Registers The offset calibration result is stored in the offset register. The result is used during the conversion process to nullify offset errors. One LSB in the off- set register is 2-24 proportion of the input span (bi- polar span is 2 times the unipolar span). The MSB in the offset register determines if the offset to be trimmed is positive or negative (0 positive, 1 nega- tive). The converter can typically trim ±50 percent of the input span. Refer to the following Offset Register and Gain Register descriptions for details. Offset Register One LSB represents 2-24 proportion of the input span (bipolar span is 2 times unipolar span). Offset and data word bits align by MSB (bit MSB-4 of offset register changes bit MSB-4 of data). After reset, all bits are ‘0’. 23(MSB) 22 21 20 19 18 17 16 15 14 13 12 Sign 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9 2-10 2-11 2-12 0 00000 0 0 0 0 0 0 11 10 9876 5 4 3 2 1 0 2-13 2-14 2-15 2-16 2-17 2-18 2-19 2-20 2-21 2-22 2-23 2-24 0 00000 0 0 0 0 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |