Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XIO2001 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 36 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 32Page - Texas Instruments XIO2001 Datasheet HTML 33Page - Texas Instruments XIO2001 Datasheet HTML 34Page - Texas Instruments XIO2001 Datasheet HTML 35Page - Texas Instruments XIO2001 Datasheet HTML 36Page - Texas Instruments XIO2001 Datasheet HTML 37Page - Texas Instruments XIO2001 Datasheet HTML 38Page - Texas Instruments XIO2001 Datasheet HTML 39Page - Texas Instruments XIO2001 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
SCL From
Master
1
2
3
7
8
9
SDA Output
By Transmitter
SDA Output
By Receiver
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Data is transferred serially in 8-bit bytes. During a data transfer operation, the exact number of bytes that
are transmitted is unlimited. However, each byte must be followed by an acknowledge bit to continue the
data transfer operation. An acknowledge (ACK) is indicated by the data byte receiver pulling the SDA
signal low, so that it remains low during the high state of the SCL signal. Figure 3-15 illustrates the
acknowledge protocol.
Figure 3-15. Serial-Bus Protocol Acknowledge
The bridge performs three basic serial-bus operations: single byte reads, single byte writes, and multibyte
reads. The single byte operations occur under software control. The multibyte read operations are
performed by the serial EEPROM initialization circuitry immediately after a PCI Express reset. See
Section 3.10.3, Serial-Bus EEPROM Application, for details on how the bridge automatically loads the
subsystem identification and other register defaults from the serial-bus EEPROM.
Figure 3-16 illustrates a single byte write. The bridge issues a start condition and sends the 7-bit slave
device address and the R/W command bit is equal to 0b. A 0b in the R/W command bit indicates that the
data transfer is a write. The slave device acknowledges if it recognizes the slave address. If no
acknowledgment is received by the bridge, then bit 1 (SB_ERR) is set in the serial-bus control and status
register (PCI offset B3h, see Section 4.58). Next, the EEPROM word address is sent by the bridge, and
another slave acknowledgment is expected. Then the bridge delivers the data byte MSB first and expects
a final acknowledgment before issuing the stop condition.
Figure 3-16. Serial-Bus Protocol – Byte Write
Figure 3-17 illustrates a single byte read. The bridge issues a start condition and sends the 7-bit slave
device address and the R/W command bit is equal to 0b (write). The slave device acknowledges if it
recognizes the slave address. Next, the EEPROM word address is sent by the bridge, and another slave
acknowledgment is expected. Then, the bridge issues a restart condition followed by the 7-bit slave
address and the R/W command bit is equal to 1b (read). Once again, the slave device responds with an
acknowledge. Next, the slave device sends the 8-bit data byte, MSB first. Since this is a 1-byte read, the
bridge responds with no acknowledge (logic high) indicating the last data byte. Finally, the bridge issues a
stop condition.
36
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com