Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MICRF507 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 3Page - Micrel Semiconductor MICRF507 Datasheet HTML 4Page - Micrel Semiconductor MICRF507 Datasheet HTML 5Page - Micrel Semiconductor MICRF507 Datasheet HTML 6Page - Micrel Semiconductor MICRF507 Datasheet HTML 7Page - Micrel Semiconductor MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor MICRF507 Datasheet HTML 10Page - Micrel Semiconductor MICRF507 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Micrel, Inc.
MICRF507
March 2010
7
M9999-032210-B
Absolute Maximum Ratings(1)
Supply Voltage (VDD)...................................................+2.7V
Voltage on any pin (GND = 0V).............. -0.3V to +2.7V
Lead Temperature (soldering, 4sec.)......................... 300°C
Storage Temperature (Ts) ..........................-55°C to +150°C
ESD Rating
(3)..................................................................2kV
Operating Ratings(2)
Supply voltage (VIN) .................................. +2.0V to +2.5V
RF Frequencies ................................ 470MHz to 510MHz
Encoded Bit Rate................................................ 200kbps
Ambient Temperature (TA).......................–40°C to +85°C
Package Thermal Resistance
32-Pin MLF
® JA) ........................................41.7°C/W
Electrical Characteristics(4)
fRF = 490MHz, fXTAL = 16MHz, MICRF507 Development Board, Modulation type = closed-loop VCO modulation, Sync_en bit = 1,
VDD = 2.5V; TA = 25°C, the term “bit rate” refers to encoded bit rate throughout the EC table (see Figure 24), bold values indicate
–40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fRF
RF Frequency Operating Range
470
510
MHz
VDD
Power Supply
2.5
V
Power Down Current
0.2
3
µA
Standby Current
280
µA
VCO and PLL Section
Reference Frequency
4
40
MHz
490MHz to 490.5MHz
0.7
ms
PLL Lock Time, 3kHz Bandwidth
485MHz to 495MHz
1.3
ms
PLL Lock Time, 20kHz Bandwidth
490MHz to 490.5MHz
0.3
ms
Rx – Tx
1.0
Tx – Rx
1.0
Standby to Rx
1.0
Switch Time, 3kHz Loop Bandwidth
Standby to Tx
1.0
ms
Crystal Oscillator Start-Up Time
With MICRF507 development
board BOM
1.0
ms
VCPOUT = 1.1V, CP_HI = 0
100
125
170
µA
Charge Pump Current
VCPOUT = 1.1V, CP_HI = 1
420
500
680
µA
Transmit Section
RLOAD = 50Ω, PA[2:0] = 111
10
dBm
POUT
Output Power
RLOAD = 50Ω, PA[2:0] = 001
-3.5
dBm
Over temperature range
±1
dB
Output Power Variation Relative to
VDD = 2.5V, TA = 25°C
VDD = 2.0V
-2
dB
RLOAD = 50Ω, PA[2:0] = 111
21.5
mA
RLOAD = 50Ω, PA[2:0] = 001
10.5
mA
Transmit Mode Current
Consumption
RLOAD = 50Ω, PA[2:0] = 000
8.0
mA
Single-Sided Frequency
Deviation
(5)
10
250
kHz
VCO modulation
200
kbps
Maximum Bit Rate
Divider modulation
20
kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com