Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE811 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE811
Description  Advanced resistive touch screen controller with 8-bit GPIO expander
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE811_09 Datasheet HTML 1Page - STMicroelectronics STMPE811_09 Datasheet HTML 2Page - STMicroelectronics STMPE811_09 Datasheet HTML 3Page - STMicroelectronics STMPE811_09 Datasheet HTML 4Page - STMicroelectronics STMPE811_09 Datasheet HTML 5Page - STMicroelectronics STMPE811_09 Datasheet HTML 6Page - STMicroelectronics STMPE811_09 Datasheet HTML 7Page - STMicroelectronics STMPE811_09 Datasheet HTML 8Page - STMicroelectronics STMPE811_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
April 2009
Doc ID 14489 Rev 2
1/64
64
STMPE811
Advanced resistive touch screen controller
with 8-bit GPIO expander
Features
8 GPIOs
1.8 - 3.3 V operating voltage
Integrated 4-wire touch screen controller
Interrupt output pin
Wakeup feature on each I/O
SPI and I2C interface
Up to 2 devices sharing the same bus in
I2C mode (1 address line)
8-input 12-bit ADC
128-depth buffer touch screen controller
Touch screen movement detection algorithm
25 kV air-gap ESD protection (system level)
4 kV HBM ESD protection (device level)
Applications
Portable media players
Game consoles
Mobile and smartphones
GPS
Description
The STMPE811 is a GPIO (general purpose
input/output) port expander able to interface a
main digital ASIC via the two-line bidirectional bus
(I2C). A separate GPIO expander is often used in
mobile multimedia platforms to solve the
problems of the limited amount of GPIOs typically
available on the digital engine.
The STMPE811 offers great flexibility, as each I/O
can be configured as input, output or specific
functions. The device has been designed with
very low quiescent current and includes a wakeup
feature for each I/O, to optimize the power
consumption of the device.
A 4-wire touch screen controller is built into the
STMPE811. The touch screen controller is
enhanced with a movement tracking algorithm (to
avoid excessive data), a 128 x 32 bit buffer and
programmable active window feature.
QFN16
(3x3)
Table 1.
Device summary
Order code
Package
Packaging
STMPE811QTR
QFN16
Tape and reel
www.st.com


Similar Part No. - STMPE811_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
More results

Similar Description - STMPE811_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
logo
Microchip Technology
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
Resistive Touch Screen Controller
2009
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
Resistive Type Touch Screen Controller ICs
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
4-wire Resistive Touch Screen Controller
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
8-BIT SPI GPIO EXPANDER
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com