Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE821QTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMPE821QTR
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 5Page - STMicroelectronics STMPE821QTR Datasheet HTML 6Page - STMicroelectronics STMPE821QTR Datasheet HTML 7Page - STMicroelectronics STMPE821QTR Datasheet HTML 8Page - STMicroelectronics STMPE821QTR Datasheet HTML 9Page - STMicroelectronics STMPE821QTR Datasheet HTML 10Page - STMicroelectronics STMPE821QTR Datasheet HTML 11Page - STMicroelectronics STMPE821QTR Datasheet HTML 12Page - STMicroelectronics STMPE821QTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
STMPE821
STMPE821 functional overview
9/55
1.4.1
Noise filtering
When the STMPE821 is operating in the vicinity of highly emissive circuits (DC-DC
converter, PWM controller/drive etc), the sensor inputs will be affected by high-frequency
noise. In this situation, the time-integrating function could be used to distinguish between
real touch, or emission-related false touch.
The INTEGRATION TIME and STRENGTH THRES registers are used to configure the time-
integrating function of STMPE821.
1.4.2
Data filtering
The output from the calibration unit is an instantaneous "TOUCH" or "NO TOUCH" status.
This output is directed to the filtering stage where the TOUCH is integrated across a
programmable period of time. The output of the integration stage would be a "STRENGTH"
(in STRENGTH register) that indicates the number of times a "TOUCH" is seen, across the
integration period.
The "STRENGTH" is then compared with the value in "STRENGTH THRESHOLD" register.
If STRENGTH exceeds the STRENGTH THRESHOLD, this is considered a final, filtered
TOUCH status.
In data filtering stage, 3 modes of operation is supported:
Mode 1: Only the “touch” channel with highest STRENGTH is taken
Mode 2: All the “touch” channels with STRENGTH > STRENGTH THRESHOLD is taken
Mode 3: The 2 “touch” channel with the highest STRENGTH is taken. These modes are
selected using the FEATURE SELECTOR register.
The final, filtered data is accessible through the Touch Byte register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com