Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AGRF500-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AGRF500-2
Description  PolySwitch Resettable Devices Automotive Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AGRF500-2 Datasheet(HTML) 2 Page - Tyco Electronics

  AGRF500-2 Datasheet HTML 1Page - Tyco Electronics AGRF500-2 Datasheet HTML 2Page - Tyco Electronics AGRF500-2 Datasheet HTML 3Page - Tyco Electronics AGRF500-2 Datasheet HTML 4Page - Tyco Electronics AGRF500-2 Datasheet HTML 5Page - Tyco Electronics AGRF500-2 Datasheet HTML 6Page - Tyco Electronics AGRF500-2 Datasheet HTML 7Page - Tyco Electronics AGRF500-2 Datasheet HTML 8Page - Tyco Electronics AGRF500-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
150
RoHS Compliant, ELV Compliant
10
Hold Current (A)
0.30
——
—
——
—
—
2.90
Ω
—
0.50
——
0.565
Ω
0.5650
Ω
—
——
0.90
Ω
—
0.70
——
0.385
Ω
0.3850
Ω
—
—
—
——
0.75
——
—
——
—
0.60
Ω
——
0.80
—
—
——
0.25
Ω
—
—
——
1.00
——
0.225
Ω
0.2250
Ω
——
0.30
Ω
——
1.25
——
—
——
0.16
Ω
—
——
1.50
——
—
——
0.14
Ω
—
——
1.60
—
—
——
0.10
Ω
—
—
——
2.00
—
0.0565
Ω
——
0.07
Ω
0.09
Ω
—
——
2.50
——
—
——
0.06
Ω
—
——
3.00
—
0.0410
Ω
—
0.0520
Ω
0.05
Ω
—
—
——
4.00
0.0300
Ω
0.0305
Ω
—
—
—
—
—
——
4.50
—
0.0290
Ω
—
—
—
—
—
——
5.00
0.0192
Ω
——
0.0200
Ω
—
—
—
——
5.50
—
0.0190
Ω
—
—
—
—
—
——
6.00
0.0145
Ω
0.0180
Ω
—
—
—
—
—
——
6.50
—
0.0140
Ω
—
—
—
—
—
——
7.00
0.0105
Ω
0.0126
Ω
—
—
—
—
—
——
7.50
—
0.0120
Ω
—
0.0120
Ω
—
—
—
——
8.00
0.0086
Ω
0.0104
Ω
—
—
—
——
—
0.0115
Ω
9.00
0.0070
Ω
0.0100
Ω
—
—
—
—
—
——
10.00
0.0056
Ω
0.0083
Ω
—
0.0083
Ω
—
—
—
——
11.00
0.0050
Ω
0.0069
Ω
—
—
—
—
—
——
12.00
0.0046
Ω
———
—
—
—
—
0.0060
Ω
13.00
—
0.0055
Ω
—
—
—
—
—
——
14.00
0.0040
Ω
0.0050
Ω
—
—
—
—
—
——
15.00
—
0.0050
Ω
—
—
—
—
—
——
16.00
——
—
——
—
—
—
0.00365
Ω
20.00
——
—
——
—
—
—
0.00285
Ω
21.00
——
—
——
—
—
—
0.00260
Ω
Voltage Rating
AGRF
16V
AHRF
16V
AHRF
30V
AHS
16V
ASMD
16V
ASMD
30V
ASMD
60V
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
AGRF
16V — Radial-leaded
AGRF400
5.9
5.3
4.8
4.1
4.0
3.5
3.2
2.8
2.5
1.9
—
AGRF500
7.3
6.6
6.0
5.2
5.0
4.4
4.0
3.6
3.1
2.4
—
AGRF600
8.8
8.0
7.2
6.2
6.0
5.2
4.8
4.2
3.8
2.8
—
AGRF700
10.3
9.3
8.4
7.3
7.0
6.2
5.6
5.0
4.4
3.3
—
AGRF800
11.7
10.7
9.6
8.3
8.0
6.9
6.4
5.6
5.1
3.7
—
AGRF900
13.2
11.9
10.7
9.4
9.0
7.9
7.2
6.4
5.6
4.2
—
AGRF1000
14.7
13.3
12.0
10.3
10.0
8.7
8.0
7.0
6.3
4.7
—
AGRF1100
16.1
14.6
13.1
11.5
11.0
9.7
8.8
7.8
6.9
5.2
—
AGRF1200
17.6
16.0
14.4
12.4
12.0
10.4
9.6
8.4
7.6
5.6
—
AGRF1400
20.5
18.7
16.8
14.5
14.0
12.1
11.2
9.8
8.9
6.5
—
AHEF
32V
BD
14V
Table A1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Automotive Devices
Table A2
Thermal Derating for Automotive Devices
[Hold Current (A) at Ambient Temperature (°C)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com