Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4051-2ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4051-2ARMZ
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4051-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.8 V, Micropower, Zero-Drift,
Rail-to-Rail Input/Output Op Amp
ADA4051-1/ADA4051-2
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Very low supply current: 13 μA typical
Low offset voltage: 15 μV maximum
Offset voltage drift: 20 nV/°C
Single-supply operation: 1.8 V to 5.5 V
High PSRR: 110 dB minimum
High CMRR: 110 dB minimum
Rail-to-rail input/output
Unity-gain stable
Extended industrial temperature range
APPLICATIONS
Pressure and position sensors
Temperature measurements
Electronic scales
Medical instrumentation
Battery-powered equipment
Handheld test equipment
PIN CONFIGURATION
OUT
1
+IN
3
V–
2
V+
5
–IN
4
ADA4051-1
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23 (RJ-5)
+IN
1
–IN
3
V–
2
V+
5
OUT
4
ADA4051-1
TOP VIEW
(Not to Scale)
Figure 2. 5-Lead SC-70 (KS-5)
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4051-2
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead MSOP (RM-8)
NOTES
1. IT IS RECOMMENDED THAT THE
EXPOSED PAD BE CONNECTED TO V–.
PIN 1
INDICATOR
1
OUT A
2
–IN A
3
+IN A
4
V–
7OUT B
8V+
6 –IN B
5 +IN B
TOP VIEW
(Not to Scale)
ADA4051-2
Figure 4. 8-Lead LFCSP (CP-8-2)
GENERAL DESCRIPTION
The ADA4051-1/ADA4051-2 are CMOS, micropower, zero-
drift operational amplifiers utilizing an innovative chopping
technique. These amplifiers feature rail-to-rail input/output
swing and extremely low offset voltage while operating from a
1.8 V to 5.5 V power supply. In addition, these amplifiers offer
high power supply rejection ratio (PSRR) and common-mode
rejection ratio (CMRR) while operating with a typical supply
current of 13 μA per amplifier. This combination of features
makes the ADA4051-1/ADA4051-2 amplifiers ideal choices for
battery-powered applications where high precision and low
power consumption are important.
The ADA4051-1/ADA4051-2 are specified for the extended
industrial temperature range of −40°C to +125°C. The ADA4051-1
amplifier is available in 5-lead SOT-23 and 5-lead SC-70 packages.
The ADA4051-2 amplifier is available in 8-lead MSOP and 8-lead
LFCSP packages.
The ADA4051-1/ADA4051-2 are members of a growing series
of zero-drift op amps offered by Analog Devices, Inc. Refer to
Table 1 for a list of these devices.
Table 1. Op Amps
Supply
Low Power, 5 V
5 V
16 V
Single
AD8538
AD8628
AD8638
Dual
AD8539
AD8629
AD8639
Quad
AD8630


Similar Part No. - ADA4051-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4051-2ARMZ AD-ADA4051-2ARMZ Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-2ARMZ AD-ADA4051-2ARMZ Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
ADA4051-2ARMZ AD-ADA4051-2ARMZ Datasheet
654Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
ADA4051-2ARMZ-R7 AD-ADA4051-2ARMZ-R7 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-2ARMZ-R7 AD-ADA4051-2ARMZ-R7 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
More results

Similar Description - ADA4051-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 5, 2005
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Intersil Corporation
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Linear Technology
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-1 AD-ADA4051-1_16 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com