Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PMEM4010PD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEM4010PD
Description  PNP transistor/Schottky diode module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEM4010PD Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEM4010PD Datasheet HTML 1Page - NXP Semiconductors PMEM4010PD Datasheet HTML 2Page - NXP Semiconductors PMEM4010PD Datasheet HTML 3Page - NXP Semiconductors PMEM4010PD Datasheet HTML 4Page - NXP Semiconductors PMEM4010PD Datasheet HTML 5Page - NXP Semiconductors PMEM4010PD Datasheet HTML 6Page - NXP Semiconductors PMEM4010PD Datasheet HTML 7Page - NXP Semiconductors PMEM4010PD Datasheet HTML 8Page - NXP Semiconductors PMEM4010PD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2002 Oct 28
2
NXP Semiconductors
Product data sheet
PNP transistor/Schottky diode module
PMEM4010PD
FEATURES
• 600 mW total power dissipation
• High current capability
• Reduces required PCB area
• Reduced pick and place costs
• Small plastic SMD package.
Transistor:
• Low collector-emitter saturation voltage.
Diode:
• Ultra high-speed switching
• Very low forward voltage
• Guard ring protected.
APPLICATIONS
• DC/DC convertors
• Inductive load drivers
• General purpose load drivers
• Reverse polarity protection circuits.
DESCRIPTION
Combination of a PNP transistor with low VCEsat and high
current capability and a planar Schottky barrier diode with
an integrated guard ring for stress protection in a SOT457
(SC-74) small plastic package.
NPN complement: PMEM4010ND.
PINNING
PIN
DESCRIPTION
1
emitter
2
not connected
3
cathode
4
anode
5
base
6
collector
handbook, halfpage
MGU868
13
2
4
5
6
1
3
4
6
5
Fig.1 Simplified outline (SOT457) and symbol.
Marking code: B2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com