Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP8863 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP8863
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP8863 Datasheet HTML 9Page - Analog Devices ADP8863 Datasheet HTML 10Page - Analog Devices ADP8863 Datasheet HTML 11Page - Analog Devices ADP8863 Datasheet HTML 12Page - Analog Devices ADP8863 Datasheet HTML 13Page - Analog Devices ADP8863 Datasheet HTML 14Page - Analog Devices ADP8863 Datasheet HTML 15Page - Analog Devices ADP8863 Datasheet HTML 16Page - Analog Devices ADP8863 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ADP8863
Rev. 0 | Page 13 of 48
Soft Start Feature
At startup (either from UVLO activation or fault/standby
recovery), the output is first charged by ISS (3.75 mA typical)
until it reaches about 92% of VIN. This soft start feature reduces
the inrush current that is otherwise present when the output
capacitance is initially charged to VIN. When this point is
reached, the controller enters G = 1× mode. If the output
voltage is not sufficient, then the automatic gain selection
determines the optimal point as defined in the Automatic Gain
Selection section.
OPERATING MODES
There are four different operating modes: active, standby,
shutdown, and reset.
Active Mode
In active mode, all circuits are powered up and in a fully
operational state. This mode is entered when Bit nSTBY (in
Register MDCR) is set to 1.
Standby Mode
Standby mode disables all circuitry except for the I2C receivers.
Current consumption is reduced to less than 1 μA. This mode is
entered when the nSTBY bit is set to 0 or when the nRST pin is
held low for more than 100 μs (maximum). When standby is
exited, a soft start sequence is performed.
Shutdown Mode
Shutdown mode disables all circuitry, including the I2C receivers.
Shutdown occurs when VIN is below the undervoltage thresholds.
When VIN rises above VIN(START) (2.05 V typical), all registers are
reset and the part is placed into standby mode.
Reset Mode
In reset mode, all registers are set to their default values and
the part is placed into standby. There are two ways to reset the
part: by power-on reset (POR) or using the nRST pin. POR is
activated any time that the part exits shutdown mode. After a
POR sequence is complete, the part automatically enters
standby mode.
After startup, the part can be reset by pulling the nRST pin low.
As long as the nRST pin is low, the part is held in a standby
state, but no I2C commands are acknowledged (all registers are
kept at their default values). After releasing the nRST pin, all
registers remain at their default values, and the part remains in
standby; however, the part does accept I2C commands.
The nRST pin has a 50 μs (typical) noise filter to prevent inad-
vertent activation of the reset function. The nRST pin must be
held low for this entire time to activate reset.
The operating modes function according to the timing diagram
in Figure 27.
STANDBY
nRST
SHUTDOWN
25µs TO 100µs NOISE FILTER
1×
1.5×
2×
SOFT START
SOFT START
10µs 100µs
VIN
VOUT
VIN
VIN CROSSES ~2.05V AND TRIGGERS POWER-ON RESET
BIT nSTBY IN REGISTER
MDCR GOES LOW
~100µs DELAY BETWEEN POWER-UP AND
WHEN I2C COMMANDS CAN BE RECEIVED
nRST MUST BE HIGH FOR 20µs (MAX)
BEFORE SENDING I2C COMMANDS
nRST IS LOW, WHICH FORCES STANDBY
LOW AND RESETS ALL I2C REGISTERS
GAIN CHANGES OCCUR ONLY WHEN NECESSARY,
BUT HAVE A MIN TIME BEFORE CHANGING
~3.75mA CHARGES
VOUT TO VIN LEVEL
Figure 27. Typical Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com