Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPCA8024 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCA8024
Description  Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8024 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCA8024 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCA8024
2010-01-05
5
50
70
60
VDS
VGS
VDD =12 V
24
0
30
16
20
0
10
20
40
8
10
20
6
0
30
50
12
4
40
80
160
120
3
−80
−40
0
40
0
2
0.5
1
1.5
2.5
Ciss
Coss
Crss
1000
10000
10
0.1
1
10
100
100
10
4.5
3
VGS = 0 V
1
0
−0.2
−0.4
−0.6
−0.8
0.1
100
−1
1
10
1000
−1.2
VGS = 4.5 V
ID = 8.5,17,35 A
ID = 8.5,17,35 A
0
2
4
6
10
−80
−40
0
40
80
120
160
VGS = 10 V
8
RDS (ON) – Ta
IDR – VDS
Vth – Ta
Common source
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = 10 V
ID = 1mA
Pulse test
Common source
ID = 35 A
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
Drain
−source voltage VDS (V)
Drain
−source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Dynamic input/output
characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com