Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBT2532C2AT Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 5Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 6Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 7Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 8Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 9Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 10Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 11Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 12Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
SPBT2532C2.AT
Electrical characteristics
Doc ID 16089 Rev 3
9/48
4
Electrical characteristics
4.1
Absolute maximum ratings
4.2
Operating ranges
Operating ranges define the limits for functional operation and parametric characteristics of
the module.
Functionality outside these limits is not implied
Table 1.
Absolute maximum ratings
Rating
Min
Typ
Max
Unit
Storage temperature range
-55
-
+105
C
Supply voltage, VIN
-0.3
-
+ 5.0
V
RF input power
-
-
+10
dBm
Input voltage on 5 V tolerant pin
-0.3
-
+5.5
V
Input voltage on non-5 V tolerant pin
-0.3
-
+4.0
V
Table 2.
Operating ranges
Rating
Min
Typ
Max
Unit
Operating temperature range
-40
-
85
°C
Supply voltage VIN
2.8
3.0
3.6
V
Signal pin voltage
-
3.0
-
V
RF frequency
2400
-
2483.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com