Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VAN60-150C Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # VAN60-150C
Description  AC-DC Power Supplies 60 WATTS DESK TOP AC ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

VAN60-150C Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  VAN60-150C Datasheet HTML 1Page - Power Systems GmbH+Co.KG VAN60-150C Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 2 / 2 )
VER, 07.05.2003
VAN 60 SERIES (60 WATTS DESK TOP AC ADAPTER)
AC-DC Power Supplies
INSI DE :Vout ( +)
OUTSI DE : GND (-)
C101
C102
C103
C104
C105
C106
C107
C108
C109
C110
+-
Plug Spec:
ID
:1.5mm
OD
:3.5mm
Length :6.2mm
With clip
Right angle
Plug Spec:
ID
:2.0mm
OD
:5.5mm
Length :12mm
With clip
Plug Spec:
ID
:2.5mm
OD
:5.5mm
Length :12mm
With clip
Plug Spec:
ID
:2.8mm
OD
:6.6mm
Length :12mm
With clip
Plug Spec:
ID
:4.3mm
OD
:6.0mm
Length :11mm
Plug Spec:
ID
:2.0mm
OD
:5.5mm
Length :10mm
With clip
Plug Spec:
ID
:1.5mm
OD
:5.5mm
Length :11mm
Plug Spec:
Plug Spec:
ID
:2.5mm
OD
:5.5mm
Length :11mm
With clip
Plug Spec:
Cable Series:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com