Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XCM524 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XCM524
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XCM524 Datasheet HTML 17Page - Torex Semiconductor XCM524 Datasheet HTML 18Page - Torex Semiconductor XCM524 Datasheet HTML 19Page - Torex Semiconductor XCM524 Datasheet HTML 20Page - Torex Semiconductor XCM524 Datasheet HTML 21Page - Torex Semiconductor XCM524 Datasheet HTML 22Page - Torex Semiconductor XCM524 Datasheet HTML 23Page - Torex Semiconductor XCM524 Datasheet HTML 24Page - Torex Semiconductor XCM524 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21/52
XCM524
Series
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
400
500
600
700
Output Current IROUT(mA)
VIN=3.8V,
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
Topr= 25℃
Topr= - 40℃
Topr= 85℃
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
VIN= 3.8V
VIN= 2.1V
VIN= 6.0V
Topr= 25℃
Topr= - 40℃
Topr= 85℃
VIN=5.0V,
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
VIN= 4.5V
VIN= 2.8V
VIN= 6.0V
Topr= 25℃
Topr= - 40℃
Topr= 85℃
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
VIN= 5.0V
VIN= 6.0V
VIN=4.5V,
CIN=1.0μF (ceramic), CL=1.0μF (ceramic)
XC6405 Series (VR:1.8V)
XC6405 Series (VR:1.8V)
XC6405 Series (VR:2.5V)
XC6405 Series (VR:2.5V)
XC6405 Series (VR:3.0V)
XC6405 Series (VR:3.0V)
●1ch:VDR Block
(1)VR Output Voltage vs. VR Output Current
■TYPICAL PERFORMANCE CHARACTERISTICS
Output Current: IROUT (mA)
CIN1=1.0μF(ceramic), CL1=1.0μF(ceramic)
VROUT=1.8V
Output Current: IROUT (mA)
CIN1=1.0μF(ceramic), CL1=1.0μF(ceramic)
VROUT=1.8V
Output Current: IROUT (mA)
CIN1=1.0μF(ceramic), CL1=1.0μF(ceramic)
VROUT=2.5V
Output Current: IROUT (mA)
CIN1=1.0μF(ceramic), CL1=1.0μF(ceramic)
VROUT=2.5V
Output Current: IROUT (mA)
CIN1=1.0μF(ceramic), CL1=1.0μF(ceramic)
VROUT=3.0V
Output Current: IROUT (mA)
CIN1=1.0μF(ceramic), CL1=1.0μF(ceramic)
VROUT=3.0V
VIN1=5.0V
VIN1=3.8V
VIN1=4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com