Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM3P2854C Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2854C
Description  Custom Clock Generator for Fax System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2854C Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2854C Datasheet HTML 1Page - ON Semiconductor ASM3P2854C Datasheet HTML 2Page - ON Semiconductor ASM3P2854C Datasheet HTML 3Page - ON Semiconductor ASM3P2854C Datasheet HTML 4Page - ON Semiconductor ASM3P2854C Datasheet HTML 5Page - ON Semiconductor ASM3P2854C Datasheet HTML 6Page - ON Semiconductor ASM3P2854C Datasheet HTML 7Page - ON Semiconductor ASM3P2854C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ASM3P2854C
Rev. 1 | Page 4 of 8 | www.onsemi.com
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND-0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
IXOL
XOUT output low current (VXOL@ 0.4V, VDD = 3.3V)
3
mA
IXOH
XOUT output high current (VXOH@ 2.5V, VDD = 3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 10mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = -10mA)
2.5
V
IDD
Static supply current
1
15
mA
ICC
Dynamic supply current ( VDD=3.3V, No Load)
33
mA
VDD
Operating Core Voltage
3.0
3.3
3.6
V
VDD_FOUT
Operating Output Buffer Voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)
2
5
mS
ZO
Output impedance
30
Notes: 1. XIN / CLKIN pin is pulled to GND.
2. VDD and CLKIN inputs are stable.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com