Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA015 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA015 Datasheet HTML 15Page - STMicroelectronics STA015 Datasheet HTML 16Page - STMicroelectronics STA015 Datasheet HTML 17Page - STMicroelectronics STA015 Datasheet HTML 18Page - STMicroelectronics STA015 Datasheet HTML 19Page - STMicroelectronics STA015 Datasheet HTML 20Page - STMicroelectronics STA015 Datasheet HTML 21Page - STMicroelectronics STA015 Datasheet HTML 22Page - STMicroelectronics STA015 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
19/56
STA015
UPD_FRAC: when is set to 1, update FRAC in the switching circuit. It is set to 1 after autoboot.
XTI2OCLK: when is set to 1, use the XTI as input of the divider X instead of VCO output. It is set to 0 on
HW reset.
XTI2DSPCLK: when is to 1, set use the XTI as input of the divider S instead of VCO output. It is set to 0
on HW reset.
PLLDIS: when set to 1, the VCO output is disabled. It is set to 0 on HW reset.
SYS2OCLK: when is set to 1, the OCLK frequency is equal to the system frequency. It is useful for testing.
It is set to 0 on HW reset.
OCLKEN: when is set to 1, the OCLK pad is enable as output pad. It is set to 1 on HW reset.
XTODIS: when is set to 1, the XTO pad is disable. It is set to 0 on HW reset.
XTO_BUF: when this bit is set, the pin nr. 28 (OUT_CLOCK/DATA_REQ) is enabled. It is set to 0 after
autoboot.
PLLCTL (M)
Address: 0x06 (06)
Type: R/W
Software Reset: 0x0C
Hardware Reset: 0x0C
PLLCTL (N)
Address: 0x07 (07)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
The M and N registers are used to configure the STA015 PLL by DSP embedded software.
M and N registers are R/W type but they are completely controlled, on STA015, by DSP software.
REQ_POL
Address: 0x0C (12)
Type: R/W
Software Reset: 0x01
Hardware Reset: 0x00
The REQ_POL registers is used to program the polarity of the DATA_REQ line.
Default polarity (the source sends data when the DATA_REQ line is high)
Inverted polarity (the source sends data when the ATA_REQ line is low)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
00
0000
01
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
00
0001
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com