Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAC7200 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 90Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 91Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 92Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 93Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 94Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 95Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 96Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 97Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 976 page
background image
Security
MAC7200 Microcontroller Family Reference Manual, Rev. 2
16
Freescale Semiconductor
•
Operation from external memory with internal Flash main array and Shadow Block disabled,
•
Disabling of EICE and Nexus access in secured Single Chip and Primary Bootloader modes,
•
JTAG Test Registers (See Section 35.1.1, “JTAG Test Register (SC4)) are accessible on a secured
device.
Which features are enabled or disabled is determined by the chip mode and security state in effect. Please
refer to Section 2.4.1, “Normal Single Chip Mode to Section 2.4.6, “Secured Expanded Mode for
complete details.
Note that the security state of the Flash is applied to both the Main Array and to the Shadow Block. It is
not possible to unsecure just one or the other.
The user must be reminded that part of the security must lie with the user’s code. An extreme example
would be user’s code that dumps the contents of the internal program. This code would defeat the purpose
of security. At the same time the user may also wish to put a back door in the user’s program. An example
of this is the case in which a user downloads a key through the FlexCAN, allowing access to a
programming routine that updates parameters stored in the Flash.
2.3.1
Operation of the Secured Microcontroller
2.3.1.1
Single Chip Secured Mode
In this mode, the MCU will function similarly to a device in Normal (Unsecured) Single Chip Mode.
However the FlexBus interface will be disabled, and access to the device via the Debug port will be
blocked, thus preventing access to the contents of the memory.
2.3.1.2
Executing from External Memory
The user may wish to execute from external space with a secured microcontroller. This is accomplished
by resetting directly into expanded mode. With the MCU in secure mode, access to the Flash main array
and Shadow Block will be disabled.
2.3.2
Securing the Microcontroller
Once the user has written the contents of the Flash main array and Shadow Block (if desired), the part can
be secured by programming the security bits located in the Shadow Block. These non-volatile bits will
keep the part secured through resetting the part and through powering down the part. When security is
enabled both the Flash main array and Shadow Block memories are secured (i.e.-it is not possible to
configure security independently for these two memories).
For further information on the security of the Flash, consult Section 18.7.9, “Flash Security”.
2.3.3
Unsecuring the Microcontroller
There are two methods to unsecure the MCU:
•
Software unsecure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com