Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STR750-SK/IAR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STR750-SK/IAR
Description  IAR??starter kits for ST ARM core-based microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750-SK/IAR Datasheet(HTML) 2 Page - STMicroelectronics

  STR750-SK/IAR Datasheet HTML 1Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 2Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 3Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 4Page - STMicroelectronics STR750-SK/IAR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Starter kit architecture
STM32-SK/IAR, STR91X-SK/IAR, STR7-SK/IAR
2/5
Doc ID 11310 Rev 7
Starter kit architecture
The IAR development software is a suite of software tools for all phases of application development
that includes:
●
IAR Embedded Workbench for ARM integrated development environment with the KickStart 32KB
C/C++ compiler to build the application and the C-SPY™ debugger for debugging the application
while it runs on your microcontroller.
●
VisualSTATE 20-state version of IAR’s graphical design environment with C/C++ code generator
for developing application code based on machine states.
●
J-Link in-circuit debugger/programmer (USB/JTAG) which integrates fully with EWARM, allowing
you to download the application to your target and debug it while it runs on your ST ARM core-based
microcontroller. J-Link is embedded on the KickStart development board in the STM32 starter kits.
●
KickStart development board that provides a full range of features to help developers evaluate
and start developing applications for the included microcontroller. The board is powered from the J-
Link’s USB connection with the host PC.
Table 1.
KickStart development board key features
Feature
Starter kit
STM3210C
-SK/IAR
STM3210E
-SK/IAR
STR91X
-SK/IAR
STR750
-SK/IAR
STR731
-SK/IAR
STR730
-SK/IAR
STR712
-SK/IAR
STR711
-SK/IAR
Included
microcontroller
J-Link
Embedded Embedded Standalone Standalone Standalone Standalone Standalone Standalone
20-pin JTAG
connector
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Trace tool
connector
20-pin
20-pin
38-pin
N/A
N/A
N/A
N/A
N/A
Power supply from
USB connection
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Backup power
supply
No
No
3V button
battery
No
No
No
No
No
USART
connector(s)
2
2
334422
SPI
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
I2C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
CAN connector
Yes
No
Yes
Yes
No
Yes
Yes
No
USB connector
Host
OTG
Host
Host
Host
Host
No
No
Host
Ethernet connector
Yes
N/A
Yes
N/A
N/A
N/A
N/A
N/A
User LEDs
4
4
16
16
16
16
2
2
LCD display
Graphical Graphical Yes (2x16) Yes (2x16) Yes (2x16) Yes (2x16)
No
No



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com