Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

8N36 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8N36
Description  3M??Mini Serial Attached SCSI (miniSAS) Cable Assembly
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8N36 Datasheet(HTML) 1 Page - 3M Electronics

  8N36 Datasheet HTML 1Page - 3M Electronics 8N36 Datasheet HTML 2Page - 3M Electronics 8N36 Datasheet HTML 3Page - 3M Electronics 8N36 Datasheet HTML 4Page - 3M Electronics 8N36 Datasheet HTML 5Page - 3M Electronics 8N36 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly
Internal, Signal, Straight Termination
8N36 Series
Physical
Electrical
Environmental
Backshell
Material:
High Temperature Thermoplastic
Flammability:
UL 94V-0
Color:
Black
Paddle-card
FR4
Flammability:
UL 94V-0
Plating
Underplating:
50 µ" min. [ 1.27 µm ] Nickel
Wiping Area:
30 µ" min. [ 0.76 µm ] Gold
Cable
Wire Size
Conductor:
30 AWG Solid Tin Plated Solid Conductor
Drain Wire:
30 AWG Solid Tin Plated Solid Conductor
Dielectric:
Foam Polyethylene
Shield:
Mylar 100% Coverrage
Jacket:
Non-PVC
Jacket Braiding
Material:
Nylon Braid
Current Rating:
Per Contact: 0.5 A
Insulation Resistance: 103 M
Ω min.
Withstanding Voltage: 300 VDC min. for 1 minute
Operating Temperature:
-20
°C to +80°C
TS-2209-C
Sheet 1 of 3
Date Modified: July 3, 2007
• 3 Gbps per channel data rate
• 36 Conductor signal assembly
• Multiple lengths available
• Metal latch designed to ensure retention
• Two levels of EMLB for hot plugging
• 30 AWG Twin Axial Cable
• Universal key
• Tested to SAS Specification, SAS-1.1
• See Regulatory Information Appendix (RIA) for
chemical compliance information
UL File No.: E86982


Similar Part No. - 8N36

ManufacturerPart #DatasheetDescription
logo
Nidec Motor Corporation...
8N3011-Z NIDEC-8N3011-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3011B-Z NIDEC-8N3011B-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3011C-Z NIDEC-8N3011C-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3012-Z NIDEC-8N3012-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8N3012B-Z NIDEC-8N3012B-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
More results

Similar Description - 8N36

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LSISASX28 LSI-LSISASX28 Datasheet
286Kb / 2P
28-Port 3Gb/s Serial Attached SCSI Expander
logo
Vitesse Semiconductor C...
VSC7251 VITESSE-VSC7251 Datasheet
261Kb / 2P
PCI-Express Serial Attached SCSI Single Chip RAID Controller
logo
Maxim Integrated Produc...
VSC7177 MAXIM-VSC7177 Datasheet
254Kb / 24P
Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI
Revision 4.2 July 29, 2005
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
Serial Attached SCSI
logo
DDK Ltd.
SAS-RA29-S1AA-FG DDK-SAS-RA29-S1AA-FG Datasheet
150Kb / 2P
Serial Attached SCSI Connectors
logo
3M Electronics
8M26 3M-8M26 Datasheet
907Kb / 7P
3M??Mini Serial Attached SCSI (miniSAS) Cable Assembly External, Signal, Straight Termination
logo
Molex Electronics Ltd.
0685620014 MOLEX8-0685620014 Datasheet
207Kb / 3P
Serial Attached SCSI (SAS) 4X Straight Internal Host Cable Assembly, with Sideband1.01m (3.30 )
0685620003 MOLEX8-0685620003 Datasheet
191Kb / 3P
Serial Attached SCSI (SAS) 4X-to-4X SATA Internal Target Base Cable Assembly, withSideband, 0.76m (2.50 ) Length
0685620002 MOLEX8-0685620002 Datasheet
193Kb / 3P
Serial Attached SCSI (SAS) 4X-to-4X SATA Internal Host Base Cable Assembly, withSideband, 0.76m (2.50 ) Length
logo
Keysight Technologies
N5412D KEYSIGHT-N5412D Datasheet
3Mb / 12P
N5412D Serial Attached SCSI-3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com