Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

56F805 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56F805
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F805 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56F805 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
56F805 Description
56F805 Technical Data, Rev. 16
Freescale Semiconductor
5
•
Two General Purpose Quad Timers totaling six pins: Timer C with two pins and Timer D with four pins
•
CAN 2.0 B Module with 2-pin port for transmit and receive
•
Two Serial Communication Interfaces, each with two pins (or four additional GPIO lines)
•
Serial Peripheral Interface (SPI) with configurable four-pin port (or four additional GPIO lines)
•
14 dedicated General Purpose I/O (GPIO) pins, 18 multiplexed GPIO pins
•
Computer Operating Properly (COP) watchdog timer
•
Two dedicated external interrupt pins
•
External reset input pin for hardware reset
•
External reset output pin for system reset
•
JTAG/On-Chip Emulation (OnCE™) module for unobtrusive, processor speed-independent debugging
•
Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock
1.1.4
Energy Information
•
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•
Uses a single 3.3V power supply
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
1.2 56F805 Description
The 56F805 is a member of the 56800 core-based family of processors. It combines, on a single chip, the
processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to
create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact
program code, the 56F805 is well-suited for many applications. The 56F805 includes many peripherals
that are especially useful for applications such as motion control, smart appliances, steppers, encoders,
tachometers, limit switches, power supply and control, automotive control, engine management, noise
suppression, remote utility metering, and industrial control for power, lighting, and automation.
The 56800 core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact code for both
MCU and DSP applications. The instruction set is also highly efficient for C compilers to enable rapid
development of optimized control applications.
The 56F805 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56F805 also provides two external
dedicated interrupt lines, and up to 32 General Purpose Input/Output (GPIO) lines, depending on
peripheral configuration.
The 56F805 controller includes 31.5K words (16-bit) of Program Flash and 4K words of Data Flash (each
programmable through the JTAG port) with 512 words of Program RAM and 2K words of Data RAM. It
also supports program execution from external memory (64K).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com