Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBRF2060CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRF2060CT
Description  SWITCHMODE Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF2060CT Datasheet(HTML) 1 Page - ON Semiconductor

  MBRF2060CT Datasheet HTML 1Page - ON Semiconductor MBRF2060CT Datasheet HTML 2Page - ON Semiconductor MBRF2060CT Datasheet HTML 3Page - ON Semiconductor MBRF2060CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 8
1
Publication Order Number:
MBRF2060CT/D
MBRF2060CT
SWITCHMODEt
Schottky Power Rectifier
The SWITCHMODE Power Rectifier employs the Schottky Barrier
principle in a large area metal−to−silicon power diode.
State−of−the−artgeometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for use as
rectifiers in very low−voltage, high−frequency switching power
supplies, free wheeling diodes and polarity protection diodes.
Features
Highly Stable Oxide Passivated Junction
Very Low Forward Voltage Drop
Matched Dual Die Construction
High Junction Temperature Capability
High dv/dt Capability
Excellent Ability to Withstand Reverse Avalanche Energy Transients
Guardring for Stress Protection
Epoxy Meets UL 94 V−0 @ 0.125 in
Electrically Isolated. No Isolation Hardware Required.
Pb−Free Package is Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCHOTTKY BARRIER
RECTIFIER
20 AMPERES, 60 VOLTS
2
1
3
http://onsemi.com
Device
Package
Shipping
MBRF2060CT
TO−220FP
ISOLATED TO−220
CASE 221D
STYLE 3
50 Units/Rail
3
1
2
MARKING DIAGRAM
AYWW
B2060G
A K A
MBRF2060CTG
TO−220FP
(Pb−Free)
50 Units/Rail
A
= Assembly Location
Y
= Year
WW
= Work Week
B2060 = Device Code
G
= Pb−Free Package
AKA
= Polarity Designator
ORDERING INFORMATION


Similar Part No. - MBRF2060CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF2060CT MOTOROLA-MBRF2060CT Datasheet
84Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
logo
General Semiconductor
MBRF2060CT GE-MBRF2060CT Datasheet
124Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Micro Commercial Compon...
MBRF2060CT MCC-MBRF2060CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRF2060CT GOOD-ARK-MBRF2060CT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2060CT TSC-MBRF2060CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF2060CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRD5H100T4G_0712 ONSEMI-MBRD5H100T4G_0712 Datasheet
77Kb / 5P
SWITCHMODE Schottky Power Rectifier
December, 2007 - Rev. 2
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
MBRF20100CT ONSEMI-MBRF20100CT Datasheet
79Kb / 4P
SWITCHMODE Schottky Power Rectifier
June, 2007 - Rev. 7
MBRF20200CT ONSEMI-MBRF20200CT Datasheet
101Kb / 4P
SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
MBRD5H100T4G ONSEMI-MBRD5H100T4G_10 Datasheet
102Kb / 5P
SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 3
NRVBD1035CTL ONSEMI-NRVBD1035CTL Datasheet
115Kb / 6P
SWITCHMODE Schottky Power Rectifier
June, 2011 ??Rev. 0
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com