Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

N01L63W2AB5I Datasheet(PDF) 4 Page - ON Semiconductor

Part # N01L63W2AB5I
Description  1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01L63W2AB5I Datasheet(HTML) 4 Page - ON Semiconductor

  N01L63W2AB5I Datasheet HTML 1Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 2Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 3Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 4Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 5Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 6Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 7Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 8Page - ON Semiconductor N01L63W2AB5I Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev.
9 | Page 4 of 10 | www.onsemi.com
N01L63W2A
Power Savings with Page Mode Operation (WE = VIH)
Note: Page mode operation is a method of addressing the SRAM to save operating current. The internal
organization of the SRAM is optimized to allow this unique operating mode to be used as a valuable power
saving feature.
The only thing that needs to be done is to address the SRAM in a manner that the internal page is left open
and 16-bit words of data are read from the open page. By treating addresses A0-A3 as the least significant
bits and addressing the 16 words within the open page, power is reduced to the page mode value which is
considerably lower than standard operating currents for low power SRAMs.
Page Address (A4 - A15)
LB, UB
OE
CE1
CE2
Word Address (A0 - A3)
Open page
Word 1
Word 2
Word 16



Html Pages

1 2 3 4 5 6 7 8 9 10