Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RSS-18 Datasheet(PDF) 2 Page - Recom International Power

Part # RSS-18
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSS-18 Datasheet(HTML) 2 Page - Recom International Power

  RSS-18 Datasheet HTML 1Page - Recom International Power RSS-18 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 16
www.recom-international.com
August 2002
ECONOLINE - DC/DC-Converter
RSS / RSD Series, 1 Watt, SMD (Single & Dual Output)
Package Style and Pinning (mm)
12.00
1.80
1.20
10
7
24
15
RSS-0505
RECOM
0.50±0.5
2.57
2.54 x 4
15.24
5.40
1.65
0.20
14.70
2.54 x 3
12.75
5.35
1.65
0.20
12.10
11.10
12.00
1.80
1.20
85
24
1
RSD-0505
RECOM
****
0.50±0.5
2.54
9.00
7.90
8.20
7.40
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
3rd angle
projection
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4–Vout
Com
5+Vout
-Vout
7
No Pin
+Vout
8NC
No Pin
10
No Pin
NC
NC = No Connection
Dual SMD Package
Single SMD Package
Recommended Footprint Details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com